Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2697ER Datasheet(PDF) 3 Page - Sony Corporation

Part # CXA2697ER
Description  5-Channel 2-LD Driver for Optical Disc Drive
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2697ER Datasheet(HTML) 3 Page - Sony Corporation

  CXA2697ER Datasheet HTML 1Page - Sony Corporation CXA2697ER Datasheet HTML 2Page - Sony Corporation CXA2697ER Datasheet HTML 3Page - Sony Corporation CXA2697ER Datasheet HTML 4Page - Sony Corporation CXA2697ER Datasheet HTML 5Page - Sony Corporation CXA2697ER Datasheet HTML 6Page - Sony Corporation CXA2697ER Datasheet HTML 7Page - Sony Corporation CXA2697ER Datasheet HTML 8Page - Sony Corporation CXA2697ER Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
– 3 –
CXA2697ER
Pin Description
Pin
No.
Pin
voltage
Description
Equivalent circuit
30
29
32
31
2
1
28
27
500
2k
IIN1 or IIN2 set current control signal
input.
1—
IIN1 or IIN2 set current control signal
input.
2—
IIN5 set current control signal input.
(negative logic)
27
IIN5 set current control signal input.
(positive logic)
28
Ground.
3—
DVD modulator amplitude switching
control signal.
When OSCMOD = high, RAMP1 is
selected.
When OSCMOD = low, RAMP11 is
selected.
4—
IIN4 set current control signal input.
(negative logic)
IIN4 set current control signal input.
(positive logic)
IIN3 set current control signal input.
(negative logic)
IIN3 set current control signal input.
(positive logic)
29
30
31
32
5
4
500
5—
Modulator control signal. (positive logic)
When OSCEN = high, the modulator
waveform is output.
CD output control. (positive logic)
6—
7—
DVD output control. (positive logic)
Symbol
xOUTEN2
OUTEN2
xOUTEN5
OUTEN5
GND1
OSCMOD
xOUTEN4
OUTEN4
xOUTEN3
OUTEN3
OSCEN
LDEN2
LDEN1
I/O
I
I
I
I
I
I
I
I
I
I
I
I
6
7
500
200k
Ground.
8—
GND2
9
DVD laser drive current output.
Enabled when LDEN 1 = high and
LDEN2 = low.
9—
LDOUT1
O


Similar Part No. - CXA2697ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2610AN SONY-CXA2610AN Datasheet
119Kb / 10P
   Laser Driver
CXA2610N SONY-CXA2610N Datasheet
119Kb / 10P
   Laser Driver
CXA2640ER SONY-CXA2640ER Datasheet
171Kb / 17P
   3-Channel 2-LD Driver for Optical Disc Drive
CXA2647 SONY-CXA2647 Datasheet
268Kb / 23P
   RF Signal Processor for CD Players
CXA2647N SONY-CXA2647N Datasheet
268Kb / 23P
   RF Signal Processor for CD Players
More results

Similar Description - CXA2697ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2640ER SONY-CXA2640ER Datasheet
171Kb / 17P
   3-Channel 2-LD Driver for Optical Disc Drive
CXA2765ER SONY-CXA2765ER Datasheet
388Kb / 32P
   5-channel 3-LD Driver for Optical Disk Drive
logo
Sanyo Semicon Device
LA6568 SANYO-LA6568 Datasheet
154Kb / 8P
   Six-Channel Driver for Optical Disc
logo
Panasonic Semiconductor
AN8737SB PANASONIC-AN8737SB Datasheet
67Kb / 8P
   3-channel driver IC for optical disk drive
AN8813NSB PANASONIC-AN8813NSB Datasheet
53Kb / 5P
   4-channel driver IC for optical disk drive
AN8814SB PANASONIC-AN8814SB Datasheet
51Kb / 5P
   4-channel driver IC for optical disk drive
logo
Sanyo Semicon Device
LA6572 SANYO-LA6572 Datasheet
106Kb / 9P
   5-CH Driver for Mini Disc
LA6261 SANYO-LA6261_07 Datasheet
87Kb / 7P
   For Optical Disk Drive 6-Channel Driver (BTL: 4 channels, H bridge: 2 channels)
logo
Panasonic Semiconductor
AN41204A PANASONIC-AN41204A Datasheet
96Kb / 8P
   Optical Disc Motor Drive IC(Achieving a 1-chip motor drive)
logo
STMicroelectronics
STM6316 STMICROELECTRONICS-STM6316 Datasheet
98Kb / 2P
   DVD Optical Disc
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com