Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS82032Q-138I Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # GS82032Q-138I
Description  64K x 32 2M Synchronous Burst SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS82032Q-138I Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GS82032Q-138I Datasheet HTML 7Page - List of Unclassifed Manufacturers GS82032Q-138I Datasheet HTML 8Page - List of Unclassifed Manufacturers GS82032Q-138I Datasheet HTML 9Page - List of Unclassifed Manufacturers GS82032Q-138I Datasheet HTML 10Page - List of Unclassifed Manufacturers GS82032Q-138I Datasheet HTML 11Page - List of Unclassifed Manufacturers GS82032Q-138I Datasheet HTML 12Page - List of Unclassifed Manufacturers GS82032Q-138I Datasheet HTML 13Page - List of Unclassifed Manufacturers GS82032Q-138I Datasheet HTML 14Page - List of Unclassifed Manufacturers GS82032Q-138I Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Rev: 1.04 2/2001
11/23
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS82032T/Q-150/138/133/117/100/66
Notes:
1. Include scope and jig capacitance.
2. Test conditions as specified with output loading as shown in Fig. 1 unless otherwise noted.
3. Output Load 2 for tLZ, tHZ, tOLZ and tOHZ.
4. Device is deselected as defined by the Truth Table.
AC Test Conditions
Parameter
Conditions
Input high level
2. 3V
Input low level
0.2 V
Input slew rate
1 V/ns
Input reference level
1.25 V
Output reference level
1.25 V
Output load
Fig. 1& 2
DC Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Max
Input Leakage Current
(except mode pins)
IIL
VIN = 0 to VDD
–1 uA
1 uA
ZZ Input Current
IINZZ
VDD ≥ VIN ≥ VIH
0 V
≤ V
IN ≤ V
IH
–1 uA
–1 uA
1 uA
300 uA
Mode Pin Input Current
IINM
VDD ≥ VIN ≥ VIL
0 V
≤ V
IN ≤ V
IL
–300 uA
–1 uA
1 uA
1 uA
Output Leakage Current
IOL
Output Disable,
VOUT = 0 to VDD
–1 uA
1 uA
Output High Voltage
VOH
IOH = –4 mA, VDDQ = 2.375 V
1.7 V
Output High Voltage
VOH
IOH = –4 mA, VDDQ = 3.135 V
2.4 V
Output Low Voltage
VOL
IOL = 4 mA
0.4 V
DQ
VT = 1.25 V
50
30pF*
DQ
2.5 V
Output Load 1
Output Load 2
225
225
5pF*
* Distributed Test Jig Capacitance


Similar Part No. - GS82032Q-138I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
GS82032A ETC1-GS82032A Datasheet
345Kb / 23P
   2M Synchronous Burst SRAM
logo
GSI Technology
GS82032AGT-100 GSI-GS82032AGT-100 Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032AGT-100I GSI-GS82032AGT-100I Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS82032AGT-133 GSI-GS82032AGT-133 Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
More results

Similar Description - GS82032Q-138I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
logo
Cypress Semiconductor
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com