Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90C363BMT Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C363BMT
Description  3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C363BMT Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS90C363BMT Datasheet HTML 1Page - National Semiconductor (TI) DS90C363BMT Datasheet HTML 2Page - National Semiconductor (TI) DS90C363BMT Datasheet HTML 3Page - National Semiconductor (TI) DS90C363BMT Datasheet HTML 4Page - National Semiconductor (TI) DS90C363BMT Datasheet HTML 5Page - National Semiconductor (TI) DS90C363BMT Datasheet HTML 6Page - National Semiconductor (TI) DS90C363BMT Datasheet HTML 7Page - National Semiconductor (TI) DS90C363BMT Datasheet HTML 8Page - National Semiconductor (TI) DS90C363BMT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TRANSMITTER SUPPLY CURRENT
ICCTG
Transmitter Supply Current
16 Grayscale
R
L = 100
Ω,
C
L = 5 pF,
16 Grayscale Pattern
(Figures 2, 4 ) " Typ "
values are given for V
CC
= 3.6V and T
A =
+25˚C, " Max " values
are given for V
CC =
3.6V and T
A = −10˚C
f = 25 MHz
28
40
mA
f = 40 MHz
32
45
mA
f = 65 MHz
39
50
mA
ICCTZ
Transmitter Supply Current
Power Down
Power Down = Low
Driver Outputs in TRI-STATE® under
Power Down Mode
11
150
µA
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VCC = 3.3V and T A = +25˚C unless specified otherwise.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground unless otherwise
specified (except VOD and ∆VOD ).
Note 4: VOS previously referred as VCM.
Recommended Transmitter Input Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
TCIT
TxCLK IN Transition Time (Figure 5 )
5ns
TCIP
TxCLK IN Period (Figure 6 )
14.7
T
50
ns
TCIH
TxCLK IN High Time (Figure 6 )
0.35T
0.5T
0.65T
ns
TCIL
TxCLK IN Low Time (Figure 6 )
0.35T
0.5T
0.65T
ns
TXIT
TxIN, and Power Down pin transition Time
1.5
6.0
ns
TXPD
Minimum pulse width for Power Down pin signal
1us
Transmitter Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified
Symbol
Parameter
Min
Typ
Max
Units
LLHT
LVDS Low-to-High Transition Time (Figure 4 )
0.75
1.4
ns
LHLT
LVDS High-to-Low Transition Time (Figure 4 )
0.75
1.4
ns
TPPos0
Transmitter Output Pulse Position for Bit 0 (Figure 11 ) (Note 5)
f = 65
MHz
−0.20
0
0.20
ns
TPPos1
Transmitter Output Pulse Position for Bit 1
2.00
2.20
2.40
ns
TPPos2
Transmitter Output Pulse Position for Bit 2
4.20
4.40
4.60
ns
TPPos3
Transmitter Output Pulse Position for Bit 3
6.39
6.59
6.79
ns
TPPos4
Transmitter Output Pulse Position for Bit 4
8.59
8.79
8.99
ns
TPPos5
Transmitter Output Pulse Position for Bit 5
10.79
10.99
11.19
ns
TPPos6
Transmitter Output Pulse Position for Bit 6
12.99
13.19
13.39
ns
TPPos0
Transmitter Output Pulse Position for Bit 0 (Figure 11 ) (Note 5)
f = 40
MHz
−0.25
0
0.25
ns
TPPos1
Transmitter Output Pulse Position for Bit 1
3.32
3.57
3.82
ns
TPPos2
Transmitter Output Pulse Position for Bit 2
6.89
7.14
7.39
ns
TPPos3
Transmitter Output Pulse Position for Bit 3
10.46
10.71
10.96
ns
TPPos4
Transmitter Output Pulse Position for Bit 4
14.04
14.29
14.54
ns
TPPos5
Transmitter Output Pulse Position for Bit 5
17.61
17.86
18.11
ns
TPPos6
Transmitter Output Pulse Position for Bit 6
21.18
21.43
21.68
ns
www.national.com
3


Similar Part No. - DS90C363BMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C363BMT TI1-DS90C363BMT Datasheet
924Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90C363BMT/NOPB TI1-DS90C363BMT/NOPB Datasheet
924Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90C363BMTX/NOPB TI1-DS90C363BMTX/NOPB Datasheet
924Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
More results

Similar Description - DS90C363BMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C363B TI1-DS90C363B Datasheet
924Kb / 17P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
National Semiconductor ...
DS90CF363B NSC-DS90CF363B Datasheet
612Kb / 11P
   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
Texas Instruments
DS90CF363BMTX TI1-DS90CF363BMTX Datasheet
900Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
DS90CF363B TI1-DS90CF363B_13 Datasheet
922Kb / 15P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link -65 MHz
logo
National Semiconductor ...
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383B NSC-DS90C383B_06 Datasheet
639Kb / 11P
   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
[Old version datasheet]   3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com