Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5088 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N5088
Description  Amplifier Transistor(NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5088 Datasheet(HTML) 3 Page - ON Semiconductor

  2N5088 Datasheet HTML 1Page - ON Semiconductor 2N5088 Datasheet HTML 2Page - ON Semiconductor 2N5088 Datasheet HTML 3Page - ON Semiconductor 2N5088 Datasheet HTML 4Page - ON Semiconductor 2N5088 Datasheet HTML 5Page - ON Semiconductor 2N5088 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N5088 2N5089
http://onsemi.com
3
Figure 2. Effects of Frequency
f, FREQUENCY (Hz)
7.0
10
20
30
5.0
Figure 3. Effects of Collector Current
IC, COLLECTOR CURRENT (mA)
Figure 4. Noise Current
f, FREQUENCY (Hz)
Figure 5. Wideband Noise Figure
RS, SOURCE RESISTANCE (OHMS)
3.0
10
NOISE CHARACTERISTICS
(VCE = 5.0 Vdc, TA = 25°C)
NOISE VOLTAGE
20
50 100 200 500 1k 2k
5k 10k 20k 50k 100k
BANDWIDTH = 1.0 Hz
BANDWIDTH = 1.0 Hz
BANDWIDTH = 1.0 Hz
IC = 10 mA
300 µA
30 µA
RS ≈ 0
3.0 mA
1.0 mA
7.0
10
20
30
5.0
3.0
0.01 0.02
0.05 0.1
0.2
0.5
1.0
2.0
5.0
10
RS ≈ 0
f = 10 Hz
100 Hz
1.0 kHz
10 kHz
100 kHz
IC = 10 mA
3.0 mA
1.0 mA
300 µA
100 µA
10 µA
RS ≈ 0
10
10 20
50 100 200 500 1k 2k
5k 10k 20k 50k 100k
0.1
0.2
0.3
1.0
0.7
2.0
3.0
5.0
7.0
10 20
50 100 200 500 1k 2k
5k 10k 20k 50k 100k
0
4.0
8.0
12
16
20
BANDWIDTH = 10 Hz to 15.7 kHz
IC = 1.0 mA
500 µA
100 µA
10 µA
100 Hz NOISE DATA
300
200
100
3.0
5.0
7.0
10
20
30
50
70
RS, SOURCE RESISTANCE (OHMS)
10 20
50 100 200 500 1k 2k
5k 10k 20k 50k 100k
0
4.0
8.0
12
16
20
Figure 6. Total Noise Voltage
BANDWIDTH = 1.0 Hz
IC = 10 mA
3.0 mA
1.0 mA
300 µA
100 µA
30 µA
10 µA
10 20
50 100 200 500 1k 2k 5k 10k 20k 50k 100k
IC = 10 mA
300 µA
100 µA
30 µA
3.0 mA
1.0 mA
10 µA
BANDWIDTH = 1.0 Hz
RS, SOURCE RESISTANCE (OHMS)
Figure 7. Noise Figure
0.5


Similar Part No. - 2N5088

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N5088 PHILIPS-2N5088 Datasheet
49Kb / 8P
   NPN general purpose transistor
1997 Sep 03
logo
Continental Device Indi...
2N5088 CDIL-2N5088 Datasheet
220Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTORS
logo
Fairchild Semiconductor
2N5088 FAIRCHILD-2N5088 Datasheet
98Kb / 7P
   NPN General Purpose Amplifier
logo
Foshan Blue Rocket Elec...
2N5088 FOSHAN-2N5088 Datasheet
908Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
Micro Electronics
2N5088 MICRO-ELECTRONICS-2N5088 Datasheet
191Kb / 2P
   PNP/NPN SILICON AF LOW NOISE SMALL SIGNAL TRANSISTORS
More results

Similar Description - 2N5088

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT8099LT1 ONSEMI-MMBT8099LT1_06 Datasheet
70Kb / 5P
   Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 1
logo
Boca Semiconductor Corp...
2N930 BOCA-2N930 Datasheet
144Kb / 4P
   AMPLIFIER TRANSISTOR (NPN SILICON)
logo
ON Semiconductor
MPS6428 ONSEMI-MPS6428 Datasheet
57Kb / 4P
   Amplifier Transistor(NPN Silicon)
1996
MMBT6521LT1 ONSEMI-MMBT6521LT1 Datasheet
110Kb / 7P
   Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 4
2N4410 ONSEMI-2N4410 Datasheet
183Kb / 6P
   Amplifier Transistor(NPN Silicon)
November, 2001 ??Rev. 11
logo
SUNMATE electronic Co.,...
BC546A SUNMATE-BC546A Datasheet
540Kb / 4P
   NPN SILICON AMPLIFIER TRANSISTOR
logo
Seme LAB
2N2484 SEME-LAB-2N2484 Datasheet
43Kb / 3P
   NPN SILICON AMPLIFIER TRANSISTOR
logo
Boca Semiconductor Corp...
2N2102 BOCA-2N2102 Datasheet
118Kb / 1P
   AMPLIFIER TRANSISTOR NPN SILICON
logo
New Jersey Semi-Conduct...
MPS6571 NJSEMI-MPS6571 Datasheet
68Kb / 2P
   Amplifier Transistor NPN Silicon
logo
ON Semiconductor
MPSA20 ONSEMI-MPSA20 Datasheet
106Kb / 7P
   Amplifier Transistor NPN Silicon
January, 2006 ??Rev. 3
logo
Motorola, Inc
MPS-U07 MOTOROLA-MPS-U07 Datasheet
145Kb / 2P
   NPN SILICON AMPLIFIER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com