Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74HC193 Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74HC193
Description  Presettable 4-Bit Binary UP/DOWN Counter High-Performance Silicon-Gate CMOS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC193 Datasheet(HTML) 1 Page - Integral Corp.

  IN74HC193 Datasheet HTML 1Page - Integral Corp. IN74HC193 Datasheet HTML 2Page - Integral Corp. IN74HC193 Datasheet HTML 3Page - Integral Corp. IN74HC193 Datasheet HTML 4Page - Integral Corp. IN74HC193 Datasheet HTML 5Page - Integral Corp. IN74HC193 Datasheet HTML 6Page - Integral Corp. IN74HC193 Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TECHNICAL DATA
258
Presettable 4-Bit Binary UP/DOWN Counter
High-Performance Silicon-Gate CMOS
The IN74HC193 is identical in pinout to the LS/ALS193. The
device inputs are compatible with standard CMOS outputs; with pullup
resistors, they are compatible with LS/ALSTTL outputs.
The counter has two separate clock inputs, a Count Up Clock and
Count Down Clock inputs. The direction of counting is determined by
which input is clocked. The outputs change state synchronous with the
LOW-to-HIGH transitions on the clock inputs. This counter may be
preset by entering the desired data on the P0, P1, P2, P3 input. When
the Parallel Load input is taken low the data is loaded independently of
either clock input. This feature allows the counters to be used as
devide-by-n by modifying the count lenght with the preset inputs. In
addition the counter can also be cleared. This is accomplished by
inputting a high on the Master Reset input. All 4 internal stages are set
to low independently of either clock input.Both a Terminal Count
Down (TCD) and Terminal Count Up (TCU) Outputs are provided to
enable cascading of both up and down counting functions. The TCD
output produces a negative going pulse when the counter underflows
and TCU outputs a pulse when the counter overflows. The counter can
be cascaded by connecting the TCU and TCD outputs of one device to
the Count Up Clock and Count Down Clock inputs, respectively, of the
next device.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
IN74HC193
ORDERING INFORMATION
IN74HC193N Plastic
IN74HC193D SOIC
TA = -55° to 125° C for all packages
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 16 =VCC
PIN 8 = GND


Similar Part No. - IN74HC193

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC193A IKSEMICON-IN74HC193A Datasheet
493Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Performance Silicon-Gate CMOS
IN74HC193AD IKSEMICON-IN74HC193AD Datasheet
493Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Performance Silicon-Gate CMOS
IN74HC193AN IKSEMICON-IN74HC193AN Datasheet
493Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HC193

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74HC193A KODENSHI-KK74HC193A Datasheet
502Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC193A IKSEMICON-IN74HC193A Datasheet
493Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Performance Silicon-Gate CMOS
IN74AC193 IKSEMICON-IN74AC193 Datasheet
382Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC193 INTEGRAL-IN74AC193 Datasheet
347Kb / 7P
   PRESETTABLE 4 - BIT BINARY UP / DOWN COUNTER HIGH - SPEED SILICON - GATE CMOS
logo
IK Semicon Co., Ltd
IN74ACT193 IKSEMICON-IN74ACT193 Datasheet
496Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74ACT193 INTEGRAL-IN74ACT193 Datasheet
364Kb / 7P
   PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT193 KODENSHI-KK74ACT193 Datasheet
508Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
KK74AC193 KODENSHI-KK74AC193 Datasheet
521Kb / 8P
   Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC193 SLS-SL74HC193 Datasheet
68Kb / 7P
   Presettable 4-Bit Binary UP/DOWN Counter
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com