Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTST-C930KGKT Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part No. LTST-C930KGKT
Description  Meet ROHS, Green Product.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

LTST-C930KGKT Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  LTST-C930KGKT Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Absolute Maximum Ratings At Ta=25
Parameter
LTST-C930KGKT
Unit
Power Dissipation
75
mW
Peak Forward Current
(1/10 Duty Cycle, 0.1ms Pulse Width)
80
mA
DC Forward Current
30
mA
Derating Linear From 50°C
0.4
mA/°C
Reverse Voltage
5
V
Operating Temperature Range
-55°C to + 85°C
Storage Temperature Range
-55°C to + 85°C
Wave Soldering Condition
260°C For 5 Seconds
Infrared Soldering Condition
260°C For 5 Seconds
Vapor Phase Soldering Condition
215°C For 3 Minutes
Part No. : LTST-C930KGKT
Page :
2
of
11
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn