Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTST-C930KGKT Datasheet(PDF) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part No. LTST-C930KGKT
Description  Meet ROHS, Green Product.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

LTST-C930KGKT Datasheet(HTML) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  LTST-C930KGKT Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Bin Code List
Part No. : LTST-C930KGKT
Page :
5
of
11
BNS-OD-C131/A4
Forward Voltage
Unit: V @20mA
Bin Code
Min.
Max.
4
1.90
2.00
5
2.00
2.10
6
2.10
2.20
7
2.20
2.30
8
2.30
2.40
Tolerance on each Forward Voltage bin is +/-0.1 volt
Luminous Intensity
Unit : mcd @20mA
Bin Code
Min.
Max.
S
180.0
280.0
T
280.0
450.0
U
450.0
710.0
V
710.0
1120.0
W
1120.0
1800.0
Tolerance on each Intensity bin is +/-15%
Dominant Wavelength
Unit : nm @20mA
Bin Code
Min.
Max.
C
567.5
570.5
D
570.5
573.5
E
573.5
576.5
Tolerance for each Dominate Wavelength bin is +/- 1nm


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn