Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTST-C930KGKT Datasheet(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part No. LTST-C930KGKT
Description  Meet ROHS, Green Product.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

LTST-C930KGKT Datasheet(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  LTST-C930KGKT Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C930KGKT Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical Optical Characteristics At Ta=25
Parameter
Symbol
Part No.
LTST-
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
C930KGKT
180.0
600.0
mcd
IF = 20mA
Note 1
Viewing Angle
2 1/2
C930KGKT
25
deg
Note 2 (Fig.6)
Peak Emission Wavelength
P
C930KGKT
574
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
d
C930KGKT
571
nm
IF = 20mA
Note 3
Spectral Line Half-Width
C930KGKT
15
nm
Forward Voltage
VF
C930KGKT
2.0
2.4
V
IF = 20mA
Reverse Current
IR
C930KGKT
10
A
VR = 5V
Capacitance
C
C930KGKT
40
PF
VF = 0
f = 1MHZ
Notes: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2.
1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength,
d is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
Part No. : LTST-C930KGKT
Page :
4
of
11
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn