Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1T8825B Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S1T8825B
Description  1.3GHZ DUAL PLL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8825B Datasheet(HTML) 3 Page - Samsung semiconductor

  S1T8825B Datasheet HTML 1Page - Samsung semiconductor S1T8825B Datasheet HTML 2Page - Samsung semiconductor S1T8825B Datasheet HTML 3Page - Samsung semiconductor S1T8825B Datasheet HTML 4Page - Samsung semiconductor S1T8825B Datasheet HTML 5Page - Samsung semiconductor S1T8825B Datasheet HTML 6Page - Samsung semiconductor S1T8825B Datasheet HTML 7Page - Samsung semiconductor S1T8825B Datasheet HTML 8Page - Samsung semiconductor S1T8825B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1.3GHZ DUAL PLL
S1T8825B
3
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
Pin No.
Symbol
I/O
Description
1
Fin1
I
Input terminal of channel 1 RF signal.
2, 15
Vcc
Power supply voltage input. PIN2 and PIN15 are connected together.
3
CP1
O
Output terminal of channel 1 charge pump. Charge pump is constant current output
circuit, and output current is selected by input serial data.
4, 13
GND
Terminal of GND. PIN4 and PIN13 are connected together.
5
LD
O
Output terminal of lock detection. It is the open drain output.
6
CK
I
Input terminal of clock.
7
DATA
I
Input terminal of data.
8
EN
I
Input terminal of enable signal.
9
BO
O
Output terminal of buffer amplifier. The signal of local oscillation is output through the
buffer amplifier.
10
OSCO
O
Output terminal of local oscillation signal.
11
OSCI
I
Input terminal of local oscillation signal.
In case of external input, connecting it to this terminal.
12
SW
O
Switch-over terminal for the time constant of loop filter. It is an open drain output.
If you don’t switch the time constant of loop filter, general output is available.
14
CP2
O
Output terminal of channel 2 charge pump. Charge pump is a constant current output
circuit, and the output current is selected by input serial data.
16
Fin2
I
Input terminal of channel 2 RF signal.
Characteristic
Symbol
Value
Unit
Power Supply Voltage
Vcc
6
V
Power Dissipation
PD
600
mW
Operating temperature
TOPR
−30 to + 85
°C
Storage temperature
TSTG
−55 to +150
°C
Take care ! ESD sensitive device


Similar Part No. - S1T8825B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T8825 SAMSUNG-S1T8825 Datasheet
120Kb / 16P
   1.1GHZ DUAL PLL
S1T8825X01-R0B0 SAMSUNG-S1T8825X01-R0B0 Datasheet
120Kb / 16P
   1.1GHZ DUAL PLL
More results

Similar Description - S1T8825B

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5848 MITEL-SP5848 Datasheet
67Kb / 9P
   2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
logo
Motorola, Inc
MC44802A MOTOROLA-MC44802A Datasheet
467Kb / 7P
   PLL Tuning Circuit with 1.3GHz Prescaler
logo
Zarlink Semiconductor I...
SP5848 ZARLINK-SP5848 Datasheet
500Kb / 10P
   2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
SL2524 ZARLINK-SL2524 Datasheet
299Kb / 16P
   1.3GHz Dual Wideband Logarithmic Amplifier
logo
Mitel Networks Corporat...
SL2524 MITEL-SL2524 Datasheet
377Kb / 17P
   1.3GHz Dual Wideband Logarithmic Amplifier
logo
Linear Technology
LTC6421-20 LINER-LTC6421-20_15 Datasheet
251Kb / 16P
   Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
logo
NXP Semiconductors
SA7026 PHILIPS-SA7026 Datasheet
299Kb / 18P
   1.3GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
logo
Linear Integrated Syste...
LTC6421CUDC-20 LINEAR-LTC6421CUDC-20 Datasheet
229Kb / 16P
   Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
logo
Linear Technology
LTC6421-20 LINER-LTC6421-20 Datasheet
264Kb / 16P
   Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
LTC5591 LINER-LTC5591_15 Datasheet
342Kb / 20P
   Dual 1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com