Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7106 Datasheet(PDF) 13 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # ICL7106
Description  LCD/LED Display, A/D Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

ICL7106 Datasheet(HTML) 13 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button ICL7106 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7106 Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7106 Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7106 Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7106 Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7106 Datasheet HTML 14Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7106 Datasheet HTML 15Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7106 Datasheet HTML 16Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7106 Datasheet HTML 17Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ICL7106,ICL7107,ICL7016S,ISL7107S
31/2 Digit,
LCD/LED Display, A/D Converters
www.artschip.com
13
Typical Applications (Continued)
IN LO is tied to supply COMMON establishing the correct
common mode voltage. If COMMON is not shorted to GND, the
input voltage may float with respect to the power supply and
COMMON acts as a pre-regulator for the reference. If
COMMON is shorted to GND, the input is single ended
(referred to supply GND) and the pre-regulator is overridden.
FIGURE 13. ICL7107 WITH AN EXTERNAL BAND-GAP
REFERENCE (1.2V TYPE)
FIGURE 15. ICL7106 AND ICL7107:RECOMMENDED
COMPONENT VALUES FOR 2V FULL SCALE
Since low TC zeners have breakdown voltages ~6.8V, diode
must be placed across the total supply (10V). As in the case of
Figure 12, IN LO may be tied to either COMMON or GND.
FIGURE 14. ICL7107 WITH ZENER DIODE REFERENCE
An external reference must be used in this application, since
the voltage between V+ and V- is insufficient for correct
operation of the internal reference.
FIGURE 16. ICL7107 OPERATED FROM SINGLE +5V


Similar Part No. - ICL7106

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Maxim Integrated Produc...
ICL7106 MAXIM-ICL7106 Datasheet
543Kb / 12P
   3쩍 Digit A/D Converter
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
533Kb / 16P
   3쩍 Digit, LCD/LED Display, A/D Converters
logo
Estek Electronics Co. L...
ICL7106 ESTEK-ICL7106 Datasheet
81Kb / 4P
   True Differential input and Reference, Direct Display
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
4Mb / 122P
   P-CHANNEL JFET
More results

Similar Description - ICL7106

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7106_0512 INTERSIL-ICL7106_0512 Datasheet
533Kb / 16P
   3쩍 Digit, LCD/LED Display, A/D Converters
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Silan Microelectronics ...
SC7106 SILAN-SC7106 Datasheet
594Kb / 21P
   3 DIGITS, LCD/LED DISPLAY, A/D CONVERTERS FOR DMM
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Unisonic Technologies
7106 UTC-7106_11 Datasheet
368Kb / 18P
   3쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
7106 UTC-7106 Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
   3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
M7206 UTC-M7206_15 Datasheet
311Kb / 8P
   3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com