Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4042BDT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CD4042BDT
Description  CMOS Quad Clocked "D" Latch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4042BDT Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD4042BDT Datasheet HTML 4Page - Texas Instruments CD4042BDT Datasheet HTML 5Page - Texas Instruments CD4042BDT Datasheet HTML 6Page - Texas Instruments CD4042BDT Datasheet HTML 7Page - Texas Instruments CD4042BDT Datasheet HTML 8Page - Texas Instruments CD4042BDT Datasheet HTML 9Page - Texas Instruments CD4042BDT Datasheet HTML 10Page - Texas Instruments CD4042BDT Datasheet HTML 11Page - Texas Instruments CD4042BDT Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - CD4042BDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4042BDT TI1-CD4042BDT Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Clocked D Latch
CD4042BDTE4 TI1-CD4042BDTE4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Clocked D Latch
CD4042BDTG4 TI1-CD4042BDTG4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Clocked D Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com