Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E27F Datasheet(PDF) 2 Page - MKS Instruments.

Part # E27F
Description  600 Series Analog Capacitance Manometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

E27F Datasheet(HTML) 2 Page - MKS Instruments.

  E27F Datasheet HTML 1Page - MKS Instruments. E27F Datasheet HTML 2Page - MKS Instruments. E27F Datasheet HTML 3Page - MKS Instruments. E27F Datasheet HTML 4Page - MKS Instruments. E27F Datasheet HTML 5Page - MKS Instruments. E27F Datasheet HTML 6Page - MKS Instruments. E27F Datasheet HTML 7Page - MKS Instruments. E27F Datasheet HTML 8Page - MKS Instruments. E27F Datasheet HTML 9Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
• Full Scale pressure/vacuum ranges as low as 0.02
Torr (mm Hg) allow for accurate measurement of
vacuum as low as 2 x 10-4 Torr (1.5 x 10-4 mbar)
• All products are specified in percent of reading for
best accuracy and improved process yield
• Complete line of absolute manometers including
products operating at internal temperatures of up to
200°C. Widest product range and applications
experience available anywhere
• Direct measurement of chamber total pressure
independent of gas type or composition, eliminating
need for lookup tables and conversion factors
• Best-available long-term output stability ensures
state-of-the-art process repeatability in nearly any
application
• Inconel® and Incoloy® nickel alloy construction of
basic sensor operates without damage in virtually
any chemical environment, including halogens,
deionized water and steam, and ozone
• High overpressure limit ensures reliability from
occasional system mishaps
600 Series Analog
Capacitance Manometers
The MKS 600 Series absolute analog Baratron®
capacitance manometers are designed for accurate,
repeatable pressure and vacuum measurements in
demanding production or research process environments.
The proven sensor, electronics, and packaging designs
combine to provide the most stable and reliable low-
pressure measurement instrument available.
Product Description
The MKS 600 Series Baratron capacitance manometers
are analog capacitance-based pressure and vacuum
gauges that require ±15VDC input power and provide a
high-level 0-10VDC output signal linear with pressure. This
analog output can be interfaced with an MKS pressure
controller, an MKS power supply/display instrument, or
any instrument that meets these requirements. Changes
in pressure/vacuum are determined by measuring the
change in capacitance between the sensor’s diaphragm
and an adjacent electrode disk. This capacitance change
is converted to a useable output by patented signal-
conditioning electronic circuits. The radially-tensioned
Inconel diaphragm in the sensor provides very fast
response (<20 msec in many cases), low hysteresis,
excellent repeatability, very high resolution (to 0.001% of
Full Scale), exceptionally high corrosion resistance, and
double-walled welded construction for operator safety.
The sensor itself can withstand repeated exposures to
45 psia (3.1 bar) without permanent degradation or
shifting, allowing it to operate in virtually any process
system.
Features and Benefits


Similar Part No. - E27F

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
E27F MKS-E27F Datasheet
205Kb / 2P
   Heated (45C) Absolute Baratron짰 capacitance Manometer with Etch Sensor
logo
PARA LIGHT ELECTRONICS ...
E27F10WXXE1-A22C PARALIGHT-E27F10WXXE1-A22C Datasheet
240Kb / 6P
   LED A22 E27 Light Bulb
E27F8WCWE0-A19C1 PARALIGHT-E27F8WCWE0-A19C1 Datasheet
247Kb / 6P
   LED A19 E27 Light Bulb
More results

Similar Description - E27F

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
622C MKS-622C Datasheet
239Kb / 4P
   UNHEATED ABSOLUTE BARATRON CAPACITANCE MANOMETERS
740C MKS-740C Datasheet
167Kb / 4P
   GENERAL PURPOSE BARATRON CAPACITANCE MANOMETERS
R740C MKS-R740C Datasheet
241Kb / 4P
   BARATRON GENERAL PURPOSE CAPACITANCE MANOMETERS WITH TRIP RELAYS
logo
Extech Instruments Corp...
PS115 EXTECH-PS115 Datasheet
236Kb / 1P
   Differential Pressure Manometers
HD755 EXTECH-HD755_15 Datasheet
252Kb / 1P
   Differential Pressure Manometers
PS101 EXTECH-PS101 Datasheet
236Kb / 1P
   Differential Pressure Manometers
logo
Quantum Research Group
QT301 QUANTUM-QT301 Datasheet
263Kb / 11P
   CAPACITANCE TO ANALOG CONVERTER
logo
Ralston Instruments.
GAUG-0600 RALSTON-GAUG-0600 Datasheet
336Kb / 1P
   0-600 psig Analog Test Gauge
logo
Protek Devices
SLVU2.8 PROTEC-SLVU2.8_11 Datasheet
960Kb / 9P
   600 WATT ULTRA LOW CAPACITANCE TVS ARRAY
logo
Texas Instruments
MUX508 TI1-MUX508 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com