Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS12081 Datasheet(PDF) 19 Page - Semtech Corporation

Part # GS12081
Description  12G UHD-SDI Cable Driver
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS12081 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button GS12081 Datasheet HTML 15Page - Semtech Corporation GS12081 Datasheet HTML 16Page - Semtech Corporation GS12081 Datasheet HTML 17Page - Semtech Corporation GS12081 Datasheet HTML 18Page - Semtech Corporation GS12081 Datasheet HTML 19Page - Semtech Corporation GS12081 Datasheet HTML 20Page - Semtech Corporation GS12081 Datasheet HTML 21Page - Semtech Corporation GS12081 Datasheet HTML 22Page - Semtech Corporation GS12081 Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
GS12081
Final Data Sheet
Rev.6
PDS-061305
January 2019
19 of 64
Semtech
Proprietary & Confidential
www.semtech.com
4.3 Output Drivers
The GS12081 features two independently configurable output drivers (see Figure 3-2).
The two drivers provide highly configurable amplitude and pre-emphasis control. The
signal on the outputs can be inverted to help with signal polarity when layout requires
trace inversion. The LOS (Loss of Signal) status from the equalizer stage can be used to
automatically mute or disable the outputs on their assertion. The cable drivers can be
configured to mute or disable during sleep. The sleep control modes take precedence
over the manual or automatic LOS output control modes.
Note: The <n> in the control parameter names refers to the output number. Output 0 is
the cable driver output SDO0/SDO0, and output 1 is the cable driver output SDO1/SDO1.
4.3.1 Output Driver Polarity Inversion
The signal polarity may be inverted at the outputs through the CTRL_OUTPUT<n>_
DATA_ INVERT parameters in register 0x48. This may be useful to compensate for an
inverted upstream signal or to facilitate board signal routing. To invert the polarity of
either of the two output drivers, write 1b to control parameter
CTRL_OUTPUT<n>_DATA_ INVERT.
4.3.2 Output Driver Data Rate Selection
By default the GS12081 will use the 6G/12G output driver and slew rate group settings
for all data rates.
If the application will be using data rates other than 6G/12G, it is recommended that
specific data rate group settings are used at all times for optimal performance.
To use specific data rate group settings, the host will need to set
CTRL_OUTPUT<n>_MANUAL_SLEW to the required rate group. The slew rate options
are as follows:
0 = SD/MADI
1 = HD/3G
2 = 6G/12G (default)
Note: It is recommended to enable offset correction for rates HD through 12G to
minimize output jitter. This is done by setting CFG_OFFSET_MANUAL_ENA = 1 in
register 0x1B.


Similar Part No. - GS12081

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS120 STMICROELECTRONICS-GS120 Datasheet
136Kb / 10P
   120W/175W DC-DC CONVERTERS FAMILY
logo
Mean Well Enterprises C...
GS120 MEANWELL-GS120 Datasheet
138Kb / 2P
   120WAC-DC Single Output Desktop
GS120 MEANWELL-GS120 Datasheet
166Kb / 2P
   120WAC-DC Single Output Desktop
logo
Semtech Corporation
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
   UHD-SDI Gearbox
GS12090 SEMTECH-GS12090 Datasheet
4Mb / 121P
   Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
More results

Similar Description - GS12081

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS12181 SEMTECH-GS12181 Datasheet
2Mb / 68P
   12G UHD-SDI Retiming Cable Driver
GS12281 SEMTECH-GS12281 Datasheet
3Mb / 97P
   12G UHD-SDI Re-timing Cable Driver
logo
Texas Instruments
LMH1208 TI1-LMH1208 Datasheet
730Kb / 10P
[Old version datasheet]   12G UHD-SDI Dual Output Cable Driver
logo
Semtech Corporation
GS12190 SEMTECH-GS12190 Datasheet
2Mb / 121P
   Bidirectional 12G UHD-SDI Reclocking Adaptive Cable Equalizer/Cable Driver
GS12141 SEMTECH-GS12141 Datasheet
2Mb / 65P
   12G UHD-SDI Retiming Adaptive Cable Equalizer
GS12341 SEMTECH-GS12341 Datasheet
4Mb / 109P
   12G UHD-SDI Reclocking Adaptive Cable Equalizer
logo
Texas Instruments
LMH1228 TI1-LMH1228 Datasheet
730Kb / 10P
[Old version datasheet]   12G UHD-SDI Dual Output Cable Driver With Integrated Reclocker
logo
Semtech Corporation
GS12090 SEMTECH-GS12090 Datasheet
4Mb / 121P
   Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
logo
Texas Instruments
LMH1297 TI1-LMH1297 Datasheet
188Kb / 9P
[Old version datasheet]   12G UHD-SDI Bidirectional I/O With Integrated Reclocker
logo
Semtech Corporation
GS12070 SEMTECH-GS12070 Datasheet
296Kb / 3P
   UHD-SDI Gearbox
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com