Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC16714 Datasheet(PDF) 5 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC16714
Description  Landscape decoration driver IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC16714 Datasheet(HTML) 5 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC16714 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC16714 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC16714 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC16714 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC16714 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC16714 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC16714 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC16714 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC16714 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
TC16714(文件编号:S&CIC1664)
景观装饰驱动
IC
www.superchip.cn
5 页 共 9 页
Version 1.0
电流增益调节说明
电流增益数据共
20bits,红绿蓝白灯电流增益调节位各 5bits,分别对应 5bits(S4~S0),系统发送顺序是先发白灯
5bits,然后是蓝灯的 5bits,再发绿灯 5bits,最后发红灯 5bits,先发高位 S4,最后发低位 S0。
电流增益数据发送格式
白灯(
W)
蓝灯
(B)
绿灯
(G)
红灯
(R)
S4,S3,S2,S1,S0
S4,S3,S2,S1,S0
S4,S3,S2,S1,S0
S4,S3,S2,S1,S0
OUT R/G/B/W 最大输出 40mA 电流,同时用户可通过改变电流增益数值设置其他电流值,具体电流值请参考下表:
电流增益等级
G
电流增益调节位
对应电流值
(mA)
S4
S3
S2
S1
S0
1
0
0
0
0
0
2.5
2
0
0
0
0
1
3.7
3
0
0
0
1
0
4.9
4
0
0
0
1
1
6.1
5
0
0
1
0
0
7.3
6
0
0
1
0
1
8.5
7
0
0
1
1
0
9.7
8
0
0
1
1
1
10.9
9
0
1
0
0
0
12.1
10
0
1
0
0
1
13.3
11
0
1
0
1
0
14.5
12
0
1
0
1
1
15.7
13
0
1
1
0
0
16.9
14
0
1
1
0
1
18.1
15
0
1
1
1
0
19.3
16
0
1
1
1
1
20.5
17
1
0
0
0
0
21.7
18
1
0
0
0
1
22.9
19
1
0
0
1
0
24.1
20
1
0
0
1
1
25.3
21
1
0
1
0
0
26.5
22
1
0
1
0
1
27.7
23
1
0
1
1
0
28.9
24
1
0
1
1
1
30.1
25
1
1
0
0
0
31.3
26
1
1
0
0
1
32.5
27
1
1
0
1
0
33.7
28
1
1
0
1
1
34.9
29
1
1
1
0
0
36.1
30
1
1
1
0
1
37.3
31
1
1
1
1
0
38.5
32
1
1
1
1
1
39.7


Similar Part No. - TC16714

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC16 TIMOTION-TC16 Datasheet
243Kb / 3P
   Max. output 32V DC, 10A
20211105-F
logo
Kingbright Corporation
TC16-11EWA KINGBRIGHT-TC16-11EWA Datasheet
168Kb / 5P
   37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
TC16-11GWA KINGBRIGHT-TC16-11GWA Datasheet
168Kb / 5P
   37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
TC16-11SRWA KINGBRIGHT-TC16-11SRWA Datasheet
168Kb / 5P
   37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
TC16-11YWA KINGBRIGHT-TC16-11YWA Datasheet
168Kb / 5P
   37mm (1.4 INCH ) 5 X 8 SINGLE COLOR DOT MATRIX DISPLAYS
More results

Similar Description - TC16714

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
7028018 FIBOX-7028018 Datasheet
37Kb / 1P
   Decoration plug
11.08.2023
logo
Future Technology Devic...
CLEO35A FTDI-CLEO35A Datasheet
2Mb / 27P
   Landscape and portrait modes supported
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
logo
Sanken electric
SI-7230M SANKEN-SI-7230M Datasheet
55Kb / 5P
   Bipolar Driver IC
logo
Princeton Technology Co...
PT6526 PTC-PT6526 Datasheet
1Mb / 24P
   LCD Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com