Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-C193SBKT-5A Datasheet(PDF) 8 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # LTST-C193SBKT-5A
Description  Meet ROHS, Green Product.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

LTST-C193SBKT-5A Datasheet(HTML) 8 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Back Button LTST-C193SBKT-5A Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C193SBKT-5A Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C193SBKT-5A Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C193SBKT-5A Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C193SBKT-5A Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C193SBKT-5A Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C193SBKT-5A Datasheet HTML 10Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C193SBKT-5A Datasheet HTML 11Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C193SBKT-5A Datasheet HTML 12Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Notes:
1. Empty component pockets sealed with top cover tape.
2. 7 inch reel-3000 pieces per reel.
3. Minimum packing quantity is 500 pcs for remainders.
4. The maximum number of consecutive missing lamps is two.
5. In accordance with ANSI/EIA 481-1-A-1994 specifications.
Part
No. : LTST-C193SBKT-5A
Page :
8
of
12
BNS-OD-C131/A4


Similar Part No. - LTST-C193SBKT-5A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
   Property of Lite-On Only
More results

Similar Description - LTST-C193SBKT-5A

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
304PT-6B EHAOAN-304PT-6B Datasheet
1Mb / 7P
   Meet RoHS/Meet RoHS, Green Product
logo
HK TO-GRACE TECHNOLOGY ...
LTST-C170KRKT TO-GRACE-LTST-C170KRKT Datasheet
924Kb / 11P
   Meet ROHS, Green Product.
LTST-C193KGKT-5A TO-GRACE-LTST-C193KGKT-5A Datasheet
746Kb / 11P
   Meet ROHS, Green Product.
LTST-E680UGKT TO-GRACE-LTST-E680UGKT Datasheet
708Kb / 11P
   Meet ROHS, Green Product.
LTST-E680VRKT TO-GRACE-LTST-E680VRKT Datasheet
712Kb / 11P
   Meet ROHS, Green Product.
LTW-230ZDS5 TO-GRACE-LTW-230ZDS5 Datasheet
893Kb / 11P
   Meet RoHS, Green Product.
LTW-C230DS2 TO-GRACE-LTW-C230DS2 Datasheet
834Kb / 11P
   Meet RoHS, Green Product.
LTW-C231DS TO-GRACE-LTW-C231DS Datasheet
765Kb / 11P
   Meet RoHS, Green Product.
LTW-C281DS5 TO-GRACE-LTW-C281DS5 Datasheet
738Kb / 11P
   Meet RoHS, Green Product.
LTST-C295KGKRKT TO-GRACE-LTST-C295KGKRKT Datasheet
661Kb / 12P
   Meet ROHS, Green Product.
LTST-020TGKT TO-GRACE-LTST-020TGKT Datasheet
866Kb / 11P
   Meet ROHS, Green Product.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com