Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS3241 Datasheet(PDF) 35 Page - Semtech Corporation

Part # GS3241
Description  3G-SDI Re-timing Adaptive Cable Equalizer
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3241 Datasheet(HTML) 35 Page - Semtech Corporation

Back Button GS3241 Datasheet HTML 31Page - Semtech Corporation GS3241 Datasheet HTML 32Page - Semtech Corporation GS3241 Datasheet HTML 33Page - Semtech Corporation GS3241 Datasheet HTML 34Page - Semtech Corporation GS3241 Datasheet HTML 35Page - Semtech Corporation GS3241 Datasheet HTML 36Page - Semtech Corporation GS3241 Datasheet HTML 37Page - Semtech Corporation GS3241 Datasheet HTML 38Page - Semtech Corporation GS3241 Datasheet HTML 39Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 108 page
background image
GS3241
Final Data Sheet
Rev.2
PDS-061444
September 2017
35 of 108
Semtech
Proprietary & Confidential
www.semtech.com
Figure 4-9: Matrix-Scan Flow Diagram
Host reads scan status from
STAT_EYE_MON_STATUS
status
1 or 0
Host Resets Eye Scanner for new scan by
setting CTRL_EYE_MON_START = 0
Or power down by setting
CTRL_EYE_MON_POWER_CTRL = 0
3
2
Scan Failed
Reset Eye Scanner
Run Scan
Full Eye Scan
Complete
Host preforms
Read Buffer
Scan
Procedure
YES
NO
Host Resets Eye Scanner for
new scan by setting
CTRL_EYE_MON_START = 0
YES
Status = 0?
NO
Eye Scan
Data
Host powers up eye monitor and starts
M atrix Scan by setting:
CTRL_EYE_MON_POWER_CTRL = 1
CTRL_EYE_MON_START = 1
- While the eye is monitor powered-up,
the cable equalizer input only has partial
adaptation enabled.
- Status = STAT_EYE_MON_STATUS
- Partial = STAT_EYE_SCAN_PARTIAL_OR_FULL
Status = 0?
NO
the host can write
ctrl_eye_mon_power_ctrl = 1 and
ctrl_eye_mon_start = 1 in the
same GSPI write, i.e. at the same
time. It is not necessary to set the
power up first.
Partial = 1?
Please Note the Following:
Note:


Similar Part No. - GS3241

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GS322 MALLORY-GS322 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
GS327 MALLORY-GS327 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
logo
Semtech Corporation
GS3281 SEMTECH-GS3281 Datasheet
3Mb / 97P
   3G-SDI Re-timing Cable Driver
GS3281-INE3 SEMTECH-GS3281-INE3 Datasheet
3Mb / 97P
   3G-SDI Re-timing Cable Driver
GS3281-INTE3 SEMTECH-GS3281-INTE3 Datasheet
3Mb / 97P
   3G-SDI Re-timing Cable Driver
More results

Similar Description - GS3241

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS3590 SEMTECH-GS3590 Datasheet
4Mb / 118P
   Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS3281 SEMTECH-GS3281 Datasheet
3Mb / 97P
   3G-SDI Re-timing Cable Driver
GS12090 SEMTECH-GS12090 Datasheet
4Mb / 121P
   Bidirectional 12G UHD-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
EBK-GS3140-00 SEMTECH-EBK-GS3140-00 Datasheet
1Mb / 40P
   Multi-Rate Adaptive 3G SDI Equalizer
GS3140 SEMTECH-GS3140 Datasheet
246Kb / 3P
   Multi-Rate Adaptive 3G SDI Equalizer
GS6042 SEMTECH-GS6042 Datasheet
1,018Kb / 21P
   6G UHD-SDI/3G/HD/SD Adaptive Cable Equalizer
logo
M/A-COM Technology Solu...
M21644 MA-COM-M21644 Datasheet
809Kb / 31P
   3G/HD/SD-SDI Long Reach Adaptive Cable Equalizer
logo
Texas Instruments
LMH0324 TI1-LMH0324 Datasheet
723Kb / 9P
[Old version datasheet]   3G/HD/SD SDI Dual Output Adaptive Cable Equalizer
logo
Semtech Corporation
GS3471 SEMTECH-GS3471 Datasheet
5Mb / 179P
   3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
logo
Texas Instruments
LMH0394 TI1-LMH0394 Datasheet
357Kb / 21P
[Old version datasheet]   3G HD/SD SDI Low Power Extended Reach Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com