Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKG2410PI Datasheet(PDF) 8 Page - Ericsson

Part # PKG2410PI
Description  46-60 W DC/DC Power Modules 24 V Input Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKG2410PI Datasheet(HTML) 8 Page - Ericsson

Back Button PKG2410PI Datasheet HTML 4Page - Ericsson PKG2410PI Datasheet HTML 5Page - Ericsson PKG2410PI Datasheet HTML 6Page - Ericsson PKG2410PI Datasheet HTML 7Page - Ericsson PKG2410PI Datasheet HTML 8Page - Ericsson PKG2410PI Datasheet HTML 9Page - Ericsson PKG2410PI Datasheet HTML 10Page - Ericsson PKG2410PI Datasheet HTML 11Page - Ericsson PKG2410PI Datasheet HTML 12Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
EN/LZT 146 03 R1A (Replaces EN/LZT 137 R5) © Ericsson Microelectronics AB, May 2000
Characteristics
Conditions
Unit
min
typ
max
Efficiency
h
Power dissipation
Pd
Miscellaneous
88
%
8.2
W
IO = IOmax, VI = 26 V
IO = IOmax, VI = 26 V
PKG 2625 PI
Characteristics
Conditions
Output 1
min
Unit
Output voltage initial
setting and accuracy
TC = +25°C, IO = 2.5 A, VI = 26 V
VOi
Output voltage
tolerance band
VO
Idling voltage
IO =0 A
Line regulation
IO=IO nom
14.90
15.00
15.10
14.90
15.00
15.10
V
17
26
V
mV
TC = –30…+90°C, VI = 19…36 V unless otherwise specified. IO1 nom = 2.0 A, IO2 nom = 2.0 A.
Long term drift
included
Output
IO= 0.1 …1.0
´ IOnom
IO1=IO2
VI = 19…36 V
10
Output adjust range1)
10.5
16.5
10.5
16.5
V
14.20
15.65
14.20
16.10
V
1) See Operating information.
2) Temperature coefficient is positive at low temperatures and negative at high temperatures.
3) See also Typical Characteristics, Power derating.
4) Ilim on each output is set by the total load.
Output 2
typ
max
min
typ
max
0
3.2
0
3.2
A
Load regulation
IO1= 0.1 …1.0
´ IO1nom, IO2=IO2nom,
VI = 26 V
ttr
Load transient voltage
Vtr
Temperature coefficient2)
Tcoeff
Ramp-up time
tr
Start-up time
ts
0.1 …0.9
´ VO
From VI connection
to VO = 0.9
´ VOi
Output current
IO
Max total output power3)
POmax
Current limiting
threshold
Ilim
TC <TC max
Short circuit current
Isc
VO = 0.2 …0.5 V, TA = 25°C, RSC > 0.1
W
Output ripple & noise
20 Hz … 5 MHz
Supply voltage
rejection (ac)
SVR
f = 100 Hz sine wave, 1 Vp-p, VI = 26 V
(SVR = 20 log (1 Vp-p/VOp-p))
Load transient
recovery time
10
mV
+500
+500
mV
–1000
–1000
mV
IO =IO nom, TC <TC max
55
ms
15
15
ms
55
A
60
150
60
150
mVp-p
75
75
dB
mV
VOac
43
43
dB
100
100
ms
IO=IO nom
0.60…30 MHz
IO=0.1 …1.0
´ IOnom, VI = 26 V
load step = 0.5× IOnom, IO1 = IO2
IO=
0.1…1.0
´ IOnom
OVP
Over voltage protection
18
V
60
W
min 1.05 × PO max4)
IO > 0.1 × IO max
see PKG 2625 Temperature characteristics
Calculated value


Similar Part No. - PKG2410PI

ManufacturerPart #DatasheetDescription
logo
StarHope
PKG240AB SPSEMI-PKG240AB Datasheet
253Kb / 2P
   Glass passiated junction
PKG240CB SPSEMI-PKG240CB Datasheet
253Kb / 2P
   Glass passiated junction
More results

Similar Description - PKG2410PI

ManufacturerPart #DatasheetDescription
logo
Ericsson
PKA2000 ERICSSON-PKA2000 Datasheet
864Kb / 20P
   25-40 W DC/DC Power Modules 24 V Input Series
PKF4000 ERICSSON-PKF4000 Datasheet
1Mb / 24P
   3-7 W DC/DC Power Modules 48 V Input Series
PKF5611SI ERICSSON-PKF5611SI Datasheet
1Mb / 16P
   5-6 W DC/DC Power Modules Wide Input Series
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4140 TI-PT4140 Datasheet
176Kb / 9P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4582 TI-PT4582 Datasheet
181Kb / 9P
[Old version datasheet]   30-W 24/48-V Input Isolated DC/DC Converter
logo
Advantech Co., Ltd.
PWR-246E ADVANTECH-PWR-246E Datasheet
735Kb / 2P
   Industrial DC to DC Converter w/24 48VDC Power Input
logo
Vicor Corporation
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
DC048B VICOR-DC048B Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
logo
Minmax Technology Co., ...
AZF-60 MINMAX-AZF-60 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com