Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5009 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP5009
Description  Backlight LED Boost Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5009 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP5009 Datasheet HTML 2Page - ON Semiconductor NCP5009 Datasheet HTML 3Page - ON Semiconductor NCP5009 Datasheet HTML 4Page - ON Semiconductor NCP5009 Datasheet HTML 5Page - ON Semiconductor NCP5009 Datasheet HTML 6Page - ON Semiconductor NCP5009 Datasheet HTML 7Page - ON Semiconductor NCP5009 Datasheet HTML 8Page - ON Semiconductor NCP5009 Datasheet HTML 9Page - ON Semiconductor NCP5009 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
NCP5008, NCP5009
http://onsemi.com
6
DIGITAL SECTION (−25
°C to +85°C ambient temperature, unless otherwise noted.)
Rating
Pin
Symbol
Min
Typ
Max
Unit
High Level Input Voltage
Low Level Input Voltage
Input Capacitance
3, 5
VIH
VIL
Cin
0.7 * Vbat
10
Vbat
0.3 * Vbat
V
V
pF
High Level Input Voltage
Low Level Input Voltage
Input Capacitance
6
VIH
VIL
Cin
0.6 * Vbat
0.4 * Vbat
10
V
V
pF
LOCAL Pull−up Resistor
6
Rloc
20
80
k
W
LOCAL Leakage Current
9
ILoc
100
nA
CS Pull−up Resistor
3
Rcs
20
80
k
W
Minimum CS Low Time
3
Tcssetup
250
ns
Clock Frequency
5
FCLK
5.0
MHz
CLOCK tr and tf
5
trCLK, tfCLK
10
ns
Internal Register Clear
tclear
10
30
ns
Internal Power on Reset Width
tPOR
100
ms
2. Digital inputs undershoot < − 0.30 V, Digital inputs overshoot < 0.30 V.
ANALOG SECTION (−25
°C to +85°C ambient temperature, unless otherwise noted.)
Rating
Pin
Symbol
Min
Typ
Max
Unit
Output Voltage Range Reference
@ 2.5
mA < Iref < 65 mA (Note 3)
1
Vref
1.20
1.24
1.28
V
Maximum Output Current Range Ratio
8
Iout
5595
Minimum Output Current Range Ratio
8
Iout
1119
Output Current Sense Resistor
10, 9
Rs
1.8
5.0
W
Output Voltage Range Reference
@ 2.5
mA < Ipho < 65 mA
2
Vpho
1.20
1.24
1.28
V
Output Current Stabilization tdelay following a DC/DC start up
8
Ioutdly
100
ms
Internal NMOS Resistor @ Vbat = 3.6 V
8
QRDSON
2.2
3.0
W
Internal Comparator Delay Time
Tdcomp
60
ns
3. The overall tolerance depends upon the accuracy of the external resistor. Using a 1%/low PPM metal film resistor is recommended to achieve
"5% output current tolerance.


Similar Part No. - NCP5009

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5009 ONSEMI-NCP5009 Datasheet
160Kb / 17P
   Backlight LED Boost Driver
April, 2006 ??Rev. 7
NCP5009DMR2 ONSEMI-NCP5009DMR2 Datasheet
160Kb / 17P
   Backlight LED Boost Driver
April, 2006 ??Rev. 7
More results

Similar Description - NCP5009

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5008 ONSEMI-NCP5008_06 Datasheet
160Kb / 17P
   Backlight LED Boost Driver
April, 2006 ??Rev. 7
NCP5006 ONSEMI-NCP5006_06 Datasheet
254Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5007 ONSEMI-NCP5007_14 Datasheet
148Kb / 21P
   Compact Backlight LED Boost Driver
May, 2014 ??Rev. 5
NCP9003 ONSEMI-NCP9003 Datasheet
285Kb / 22P
   Compact Backlight LED Boost Driver
August, 2006 ??Rev. 1
NCP5005 ONSEMI-NCP5005 Datasheet
239Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5006 ONSEMI-NCP5006_09 Datasheet
258Kb / 24P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 2
NCP5005 ONSEMI-NCP5005_09 Datasheet
244Kb / 23P
   Compact Backlight LED Boost Driver
November, 2005 ??Rev. 1
NCP5007 ONSEMI-NCP5007 Datasheet
157Kb / 22P
   Compact Backlight LED Boost Driver
July, 2004 ??Rev. 4
NCP5007 ONSEMI-NCP5007_06 Datasheet
167Kb / 21P
   Compact Backlight LED Boost Driver
March, 2006 ??Rev. 4
NCP5006 ONSEMI-NCP5006 Datasheet
218Kb / 24P
   Compact Backlight LED Boost Driver
July, 2004 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com