Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL84716IH-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL84716IH-T
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84716IH-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL84716IH-T Datasheet HTML 1Page - Intersil Corporation ISL84716IH-T Datasheet HTML 2Page - Intersil Corporation ISL84716IH-T Datasheet HTML 3Page - Intersil Corporation ISL84716IH-T Datasheet HTML 4Page - Intersil Corporation ISL84716IH-T Datasheet HTML 5Page - Intersil Corporation ISL84716IH-T Datasheet HTML 6Page - Intersil Corporation ISL84716IH-T Datasheet HTML 7Page - Intersil Corporation ISL84716IH-T Datasheet HTML 8Page - Intersil Corporation ISL84716IH-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN6087.1
ISL84715, ISL84716
Ultra Low ON-Resistance, Low Voltage,
Single Supply, SPST Analog Switches
The Intersil ISL84715 and ISL84716 devices are low
ON-resistance, low voltage, bidirectional, single pole/single
throw (SPST) analog switches designed to operate from a
single +1.65V to +3.6V supply. Targeted applications include
battery powered equipment that benefit from low RON
resistance, excellent RON flatness, and fast switching
speeds (tON = 9ns, tOFF = 5ns). The digital logic input is
1.8V CMOS compatible when using a single +3V supply.
Cell phones, for example, often face ASIC functionality
limitations. The number of analog input or GPIO pins may be
limited and digital geometries are not well suited to analog
switch performance. This family of parts may be used to
switch in additional functionality while reducing ASIC design
risk. The ISL8471X are offered in a 5 lead SC70 package,
alleviating board space limitations.
The ISL84715 has one normally open (NO) switch and
ISL84716 has one normally closed (NC) switch.
Features
• Pb-Free Available
• Drop in replacement for the MAX4715 and MAX4716
• ON resistance (RON)
-VCC = +2.7V. . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.26Ω
-VCC = +1.8V. . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.45Ω
•RON flatness (+2.7V Supply) . . . . . . . . . . . . . . . . . . . 0.038Ω
• Single supply operation . . . . . . . . . . . . . . . . +1.65V to +3.6V
• Fast switching action (+2.7V Supply)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5ns
• ESD HBM rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >4kV
• 1.8V, CMOS logic compatible (+3V supply)
• Available in 5 lead SC70 packaging
Applications
• Battery powered, handheld, and portable equipment
- Cellular/mobile phones
- Pagers
- Laptops, notebooks, palmtops
• Portable Test and Measurement
• Medical Equipment
• Audio and video switching
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
TABLE 1. FEATURES AT A GLANCE
ISL84715
ISL84716
Number of Switches
11
SW
NO
NC
1.8V RON
0.45
0.45
1.8V tON/tOFF
17ns/7ns
17ns/7ns
3V RON
0.24
0.24
3V tON/tOFF
8ns/4ns
8ns/4ns
Package
5 Ld SC70
Data Sheet
June 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL84716IH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84716IH-T INTERSIL-ISL84716IH-T Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
More results

Similar Description - ISL84716IH-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL54051IRUZ-T INTERSIL-ISL54051IRUZ-T Datasheet
400Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
October 19, 2009
logo
Renesas Technology Corp
ISL54051 RENESAS-ISL54051 Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
logo
Intersil Corporation
ISL54051 INTERSIL-ISL54051 Datasheet
401Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com