Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS55107J Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS55107J
Description  Dual Line Receivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS55107J Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS55107J Datasheet HTML 1Page - National Semiconductor (TI) DS55107J Datasheet HTML 2Page - National Semiconductor (TI) DS55107J Datasheet HTML 3Page - National Semiconductor (TI) DS55107J Datasheet HTML 4Page - National Semiconductor (TI) DS55107J Datasheet HTML 5Page - National Semiconductor (TI) DS55107J Datasheet HTML 6Page - National Semiconductor (TI) DS55107J Datasheet HTML 7Page - National Semiconductor (TI) DS55107J Datasheet HTML 8Page - National Semiconductor (TI) DS55107J Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Switching Characteristics VCC
a
e
5V VCCb eb5V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPLH(D)
Propagation Delay Time Low-to-
RL e 470X CL e 15 pF (Note 1)
High Level from Differential
35
ns
Inputs A and B to Output
tPHL(D)
Propagation Delay Time High-to-
RL e 470X CL e 15 pF (Note 1)
Low Level from Differential
20
ns
Inputs A and B to Output
tPLH(S)
Propagation Delay Time Low-to-
RL e 470X CL e 15 pF
High Level from Strobe Input G
17
ns
or S to Output
tPHL(S)
Propagation Delay Time High-to-
RL e 470X CL e 15 pF
Low Level from Strobe Input G
17
ns
or S to Output
Note 1
Differential input is a10 mV to b30 mV pulse Delays read from 0 mV on input to 15V on output
Voltage Waveforms
TLF9446 – 12
Typical Applications
Basic Balanced-Line Transmission System
TLF9446 – 2
http
www nationalcom
4


Similar Part No. - DS55107J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS55107AJ/883 NSC-DS55107AJ/883 Datasheet
227Kb / 9P
   Dual Line Receiver
More results

Similar Description - DS55107J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55107A TI1-SN55107A_15 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55107A TI-SN55107A_08 Datasheet
869Kb / 30P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55107A TI-SN55107A Datasheet
280Kb / 19P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55152 TI-SN55152 Datasheet
787Kb / 13P
[Old version datasheet]   DUAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI1-SN75182DR Datasheet
935Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
THS6002 TI1-THS6002_16 Datasheet
1Mb / 46P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
THS6002 TI-THS6002 Datasheet
718Kb / 40P
[Old version datasheet]   DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
KODENSHI_AUK CORP.
KK1489A KODENSHI-KK1489A Datasheet
233Kb / 4P
   Qudruple Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com