Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL84715 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. ISL84715
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL84715 Datasheet(HTML) 1 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN6087.1
ISL84715, ISL84716
Ultra Low ON-Resistance, Low Voltage,
Single Supply, SPST Analog Switches
The Intersil ISL84715 and ISL84716 devices are low
ON-resistance, low voltage, bidirectional, single pole/single
throw (SPST) analog switches designed to operate from a
single +1.65V to +3.6V supply. Targeted applications include
battery powered equipment that benefit from low RON
resistance, excellent RON flatness, and fast switching
speeds (tON = 9ns, tOFF = 5ns). The digital logic input is
1.8V CMOS compatible when using a single +3V supply.
Cell phones, for example, often face ASIC functionality
limitations. The number of analog input or GPIO pins may be
limited and digital geometries are not well suited to analog
switch performance. This family of parts may be used to
switch in additional functionality while reducing ASIC design
risk. The ISL8471X are offered in a 5 lead SC70 package,
alleviating board space limitations.
The ISL84715 has one normally open (NO) switch and
ISL84716 has one normally closed (NC) switch.
Features
• Pb-Free Available
• Drop in replacement for the MAX4715 and MAX4716
• ON resistance (RON)
-VCC = +2.7V. . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.26Ω
-VCC = +1.8V. . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.45Ω
•RON flatness (+2.7V Supply) . . . . . . . . . . . . . . . . . . . 0.038Ω
• Single supply operation . . . . . . . . . . . . . . . . +1.65V to +3.6V
• Fast switching action (+2.7V Supply)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5ns
• ESD HBM rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >4kV
• 1.8V, CMOS logic compatible (+3V supply)
• Available in 5 lead SC70 packaging
Applications
• Battery powered, handheld, and portable equipment
- Cellular/mobile phones
- Pagers
- Laptops, notebooks, palmtops
• Portable Test and Measurement
• Medical Equipment
• Audio and video switching
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
TABLE 1. FEATURES AT A GLANCE
ISL84715
ISL84716
Number of Switches
11
SW
NO
NC
1.8V RON
0.45
0.45
1.8V tON/tOFF
17ns/7ns
17ns/7ns
3V RON
0.24
0.24
3V tON/tOFF
8ns/4ns
8ns/4ns
Package
5 Ld SC70
Data Sheet
June 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn