Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVC1G74 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74LVC1G74
Description  Single D-type flip-flop with set and reset; positive edge trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G74 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G74 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
2005 Feb 01
6
Philips Semiconductors
Product specification
Single D-type flip-flop with set and
reset; positive edge trigger
74LVC1G74
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal operation.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
1.65
5.5
V
VI
input voltage
0
5.5
V
VO
output voltage
active mode
0
VCC
V
VCC = 0 V; Power-down mode
0
5.5
V
Tamb
ambient temperature
−40
+125
°C
tr, tf
input rise and fall times
VCC = 1.65 V to 2.7 V
0
20
ns/V
VCC = 2.7 V to 5.5 V
0
10
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+6.5
V
IIK
input diode current
VI <0 V
−−50
mA
VI
input voltage
note 1
−0.5
+6.5
V
IOK
output diode current
VO >VCC or VO <0 V
−±50
mA
VO
output voltage
active mode; notes 1 and 2
−0.5
VCC + 0.5 V
Power-down mode; notes 1 and 2
−0.5
+6.5
V
IO
output source or sink current
VO =0 VtoVCC
−±50
mA
ICC,IGND
VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
Tamb = −40 °C to +125 °C
250
mW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn