Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MV5089 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # MV5089
Description  DTMF GENERATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MV5089 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  MV5089 Datasheet HTML 1Page - Zarlink Semiconductor Inc MV5089 Datasheet HTML 2Page - Zarlink Semiconductor Inc MV5089 Datasheet HTML 3Page - Zarlink Semiconductor Inc MV5089 Datasheet HTML 4Page - Zarlink Semiconductor Inc MV5089 Datasheet HTML 5Page - Zarlink Semiconductor Inc MV5089 Datasheet HTML 6Page - Zarlink Semiconductor Inc MV5089 Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MV5089
2
OUTPUT FREQUENCY
Table 1 shows the output frequency deviation from the
standard DTMF frequencies when a 3.58MHz crystal is used
as the reference.
The row and column output waveforms are digitally
synthesised using R-2R D-to-A converters (see Fig.3),
resulting in staircase approximations to a sinewave. An opamp
mixes these tones to produce a dual-tone waveform. Single
tone distortion is typically better than 7% and all distortion
components of the mixed dual-tone should be 30dB relative to
the strongest fundamental (column tone).
DISTORTION MEASUREMENTS
THD for the single tone is defined by:
Tone Output
Frequency Using
3.5795545 MHz
Crystal
Standard
DTMF
(Hz)
f1
697
f2
770
f3
852
f4
941
f5
1209
f6
1336
f7
1477
f8
1633
% Deviation
from Standard
+0.62
+0.19
+0.61
-0.63
+0.57
-0.32
-0.35
+0.73
701.3
771.4
857.2
935.1
1215.9
1331.7
1471.9
1645.0
Column
Row
High
Group
Low
Group
Table 1: Output frequency deviation
100 (
V2 + V2 + V2 + ---- V2 ) %
2f
3f
4f
nf
V fundamental
100 (
V2 + V2 + V2 + V2 + V2 --- V2 + V2 )
2R
3R
nR
Where V2f --- Vnf are the Fourier components of the waveform.
THD for the dual tone is defined by:
2C
3C
nc
IMD
where
VROW is the row fundamental amplitude
VCOL is the column fundamental amplitude
V2R—VnR are the Fourier component amplitudes of the row frequencies
V2C—VnC are the Fourier component amplitudes of the column frequencies
VIMD is the sum of all intermodulation components.
Figure 3: Typical sinewave output (a) Row tones (b) Column tones
COL
V2
+ V2
ROW
V
OUT
V
OUT
t
t
a)
b)


Similar Part No. - MV5089

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV5087 ETC1-MV5087 Datasheet
93Kb / 6P
   DTMF GENERATOR
More results

Similar Description - MV5089

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV5087 ETC1-MV5087 Datasheet
93Kb / 6P
   DTMF GENERATOR
logo
Ericsson
PBD3534 ERICSSON-PBD3534 Datasheet
437Kb / 6P
   DTMF Generator
logo
STMicroelectronics
PBD3535 STMICROELECTRONICS-PBD3535 Datasheet
501Kb / 8P
   DTMF Generator
logo
List of Unclassifed Man...
S2559F ETC1-S2559F Datasheet
394Kb / 9P
   DTMF Tone Generator
logo
Silan Microelectronics ...
SC9200 SILAN-SC9200 Datasheet
194Kb / 9P
   DTMF GENERATOR WITH MICROPROCESSOR
logo
United Monolithic Semic...
UM9204 UMS-UM9204 Datasheet
92Kb / 1P
   On-chip DTMF generator
logo
Motorola, Inc
MC68HC05F6 MOTOROLA-MC68HC05F6 Datasheet
82Kb / 3P
   MCU with DTMF/melody generator
logo
National Semiconductor ...
TP5089 NSC-TP5089 Datasheet
119Kb / 6P
   TP5089 DTMF (TOUCH-TONE) Generator
logo
Sanyo Semicon Device
LC7365N SANYO-LC7365N Datasheet
162Kb / 7P
   DTMF Tone Generator for Pushbutton Telephone
LC7365NM SANYO-LC7365NM Datasheet
165Kb / 7P
   DTMF Tone Generator for Pushbutton Telephone?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com