Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL84780 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. ISL84780
Description  Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad 2:1 Analog Multiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84780 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL84780 Datasheet HTML 1Page - Intersil Corporation ISL84780 Datasheet HTML 2Page - Intersil Corporation ISL84780 Datasheet HTML 3Page - Intersil Corporation ISL84780 Datasheet HTML 4Page - Intersil Corporation ISL84780 Datasheet HTML 5Page - Intersil Corporation ISL84780 Datasheet HTML 6Page - Intersil Corporation ISL84780 Datasheet HTML 7Page - Intersil Corporation ISL84780 Datasheet HTML 8Page - Intersil Corporation ISL84780 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6099.1
December 27, 2004
Pinouts (Note 1)
ISL84780 (TSSOP)
TOP VIEW
ISL84780 (3X3 THIN QFN)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
NO1
COM1
NC1
IN1-2
NO2
COM2
GND
NC2
V+
COM4
NO4
IN3-4
NC3
COM3
NO3
NC4
1
3
4
15
16
14
13
2
12
10
9
11
6
57
8
NO1
COM1
NC2
NO2
NC4
NO4
COM4
NC3
Ordering Information
PART NO.
(BRAND)
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL84780IR
(780I)
-40 to 85
16 Ld 3x3 Thin QFN
L16.3x3A
ISL84780IR-T
(780I)
-40 to 85
16 Ld 3x3 Thin QFN
Tape and Reel
L16.3x3A
ISL84780IRZ
(780I) (Note)
-40 to 85
16 Ld 3x3 Thin QFN
(Pb-free)
L16.3x3A
ISL84780IRZ-T
(780I) (Note)
-40 to 85
16 Ld 3x3 Thin QFN
Tape and Reel (Pb-free)
L16.3x3A
ISL84780IV
(84780IV)
-40 to 85
16 Ld TSSO
P
M16.173
ISL84780IV-T
(84780IV)
-40 to 85
16 Ld TSSOP
Tape and Reel
M16.173
ISL84780IVZ
(84780IV) (Note)
-40 to 85
16 Ld TSSO
P
(Pb-free)
M16.173
ISL84780IVZ-T
(84780IV) (Note)
-40 to 85
16 Ld TSSOP
Tape and Reel (Pb-free)
M16.173
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Truth Table
LOGIC
NC SW
NO SW
0ON
OFF
1OFF
ON
NOTE: Logic “0”
≤0.5V. Logic “1” ≥1.4V with a 3V supply.
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+1.6V to +3.6V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
ISL84780


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn