Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4146C Datasheet(PDF) 6 Page - Texas Instruments

Part # PT4146C
Description  20-W 24-V Input Isolated DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4146C Datasheet(HTML) 6 Page - Texas Instruments

  PT4146C Datasheet HTML 1Page - Texas Instruments PT4146C Datasheet HTML 2Page - Texas Instruments PT4146C Datasheet HTML 3Page - Texas Instruments PT4146C Datasheet HTML 4Page - Texas Instruments PT4146C Datasheet HTML 5Page - Texas Instruments PT4146C Datasheet HTML 6Page - Texas Instruments PT4146C Datasheet HTML 7Page - Texas Instruments PT4146C Datasheet HTML 8Page - Texas Instruments PT4146C Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
PT4122
PT4142
5.0Vdc
Va(req’d)
4.5
(12.6)k
4.55
(40.3)k
4.6
(75.0)k
4.65
(120.0)k
4.7
(179.0)k
4.75
(262.0)k
4.8
(387.0)k
4.85
(595.0)k
4.9
(1.01)M
4.95
5.0
5.05
5.1
1.06M
5.15
645.0k
5.2
437.0k
5.25
312.0k
5.3
229.0k
5.35
169.0k
5.4
125.0k
5.45
90.2k
5.5
62.4k
48V Bus
PT4126
PT4127
PT4128
PT4121
24V Bus
PT4146
PT4147
PT4148
PT4141
Vo(nom)
1.5Vdc
1.8Vdc
2.5Vdc
3.3Vdc
Va(req’d)
1.35
(2.8)k
1.4
(53.2)k
1.45
(204.0)k
1.5
1.55
1.3M
1.6
627.0k
1.65
404.0k
(51.7)k
1.7
(161.0)k
1.75
(489.0)k
1.8
1.85
1.28M
1.9
587.0k
1.95
355.0k
2.25
(26.5)k
2.3
(92.9)k
2.35
(203.0)k
2.4
(425.0)k
2.45
(1.09)M
2.5
2.55
1.09M
2.6
450.0k
2.65
237.0k
2.7
131.0k
2.75
67.7k
2.95
(90.7)k
3.0
(146.0)k
3.05
(224.0)k
3.1
(341.0)k
3.15
(536.0)k
3.2
(926.0)k
3.25
(2.09)M
3.3
3.35
1.19M
3.4
502.0k
3.45
272.0k
3.5
158.0k
3.55
88.7k
3.6
42.7k
3.65
9.9k
Table 2
DC/DC CONVERTER SERIES ADJUSTMENT RESISTOR VALUES
Series Pt #
R1 = (Blue)
R2 = Black
PT4123
PT4124
PT4143
PT4144
12.0Vdc
15.0Vdc
Va(req’d)
10.8
(276.0)k
11.0
(365.0)k
11.2
(497.0)k
11.4
(719.0)k
11.6
(1.16)M
11.8
12.0
12.2
588.0k
12.4
239.0k
12.6
123.0k
12.8
64.6k
13.0
29.7k
13.2
6.4k
13.5
(312.0)k
13.6
(345.0)k
13.8
(427.0)k
14.0
(542.0)k
14.2
(713.0)k
14.4
(1.0)M
14.6
(1.57)M
14.8
15.0
15.2
597.0k
15.4
253.0k
15.6
138.0k
15.8
81.0k
16.0
46.6k
16.5
0.8k
PT4120/4140 Series


Similar Part No. - PT4146C

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
PT410 ROITHNER-PT410 Datasheet
134Kb / 2P
   TO-Can PIN Photodiode
logo
Texas Instruments
PT4100-24V TI-PT4100-24V Datasheet
179Kb / 3P
[Old version datasheet]   15 WATT 24V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
PT4100-24V TI1-PT4100-24V Datasheet
153Kb / 3P
[Old version datasheet]   1500 VDC Isolation
PT4100-24V TI1-PT4100-24V_14 Datasheet
153Kb / 3P
[Old version datasheet]   1500 VDC Isolation
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
More results

Similar Description - PT4146C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4582 TI-PT4582 Datasheet
181Kb / 9P
[Old version datasheet]   30-W 24/48-V Input Isolated DC/DC Converter
PT4681 TI-PT4681 Datasheet
290Kb / 13P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4680 TI1-PT4680 Datasheet
286Kb / 15P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
logo
Bel Fuse Inc.
RFT-20Y BEL-RFT-20Y Datasheet
1Mb / 10P
   20 W Isolated DC-DC Converter
16 December 2022
logo
Texas Instruments
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com