Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C2550BIB48 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC16C2550BIB48
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C2550BIB48 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC16C2550BIB48 Datasheet HTML 7Page - NXP Semiconductors SC16C2550BIB48 Datasheet HTML 8Page - NXP Semiconductors SC16C2550BIB48 Datasheet HTML 9Page - NXP Semiconductors SC16C2550BIB48 Datasheet HTML 10Page - NXP Semiconductors SC16C2550BIB48 Datasheet HTML 11Page - NXP Semiconductors SC16C2550BIB48 Datasheet HTML 12Page - NXP Semiconductors SC16C2550BIB48 Datasheet HTML 13Page - NXP Semiconductors SC16C2550BIB48 Datasheet HTML 14Page - NXP Semiconductors SC16C2550BIB48 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Philips Semiconductors
SC16C2550B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Product data
Rev. 02 — 14 December 2004
11 of 42
9397 750 14449
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.3 FIFO operation
The 16 byte transmit and receive data FIFOs are enabled by the FIFO Control
Register (FCR) bit 0. The user can set the receive trigger level via FCR bits 6-7, but
not the transmit trigger level. The receiver FIFO section includes a time-out function
to ensure data is delivered to the external CPU. An interrupt is generated whenever
the Receive Holding Register (RHR) has not been read following the loading of a
character or the receive trigger level has not been reached.
6.4 Hardware/software and time-out interrupts
The interrupts are enabled by IER[0-3]. Care must be taken when handling these
interrupts. Following a reset, if Interrupt Enable Register (IER) bit 1 = 1, the
SC16C2550B will issue a Transmit Holding Register interrupt. This interrupt must be
serviced prior to continuing operations. The ISR register provides the current singular
highest priority interrupt only. A condition can exist where a higher priority interrupt
may mask the lower priority interrupt(s). Only after servicing the higher pending
interrupt will the lower priority interrupt(s) be reflected in the status register. Servicing
the interrupt without investigating further interrupt conditions can result in data errors.
When two interrupt conditions have the same priority, it is important to service these
interrupts correctly. Receive Data Ready and Receive Time Out have the same
interrupt priority (when enabled by IER[0]). The receiver issues an interrupt after the
number of characters have reached the programmed trigger level. In this case, the
SC16C2550B FIFO may hold more characters than the programmed trigger level.
Following the removal of a data byte, the user should re-check LSR[0] for additional
characters. A Receive Time Out will not occur if the receive FIFO is empty. The
time-out counter is reset at the center of each stop bit received or each time the
receive holding register (RHR) is read. The actual time-out value is 4 character time,
including data information length, start bit, parity bit, and the size of stop bit, i.e., 1
×,
1.5
×, or 2× bit times.
Table 5:
Flow control mechanism
Selected trigger level (characters)
INT pin activation
11
44
88
14
14


Similar Part No. - SC16C2550BIB48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C2550BIB48 PHILIPS-SC16C2550BIB48 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2550BIB48 NXP-SC16C2550BIB48 Datasheet
221Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
More results

Similar Description - SC16C2550BIB48

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C554B PHILIPS-SC16C554B Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C554BIB80-T NXP-SC16C554BIB80-T Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C554B NXP-SC16C554B_10 Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C752B PHILIPS-SC16C752B Datasheet
225Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C754B NXP-SC16C754B Datasheet
252Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com