Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C2550BIN40 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SC16C2550BIN40
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C2550BIN40 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SC16C2550BIN40 Datasheet HTML 2Page - NXP Semiconductors SC16C2550BIN40 Datasheet HTML 3Page - NXP Semiconductors SC16C2550BIN40 Datasheet HTML 4Page - NXP Semiconductors SC16C2550BIN40 Datasheet HTML 5Page - NXP Semiconductors SC16C2550BIN40 Datasheet HTML 6Page - NXP Semiconductors SC16C2550BIN40 Datasheet HTML 7Page - NXP Semiconductors SC16C2550BIN40 Datasheet HTML 8Page - NXP Semiconductors SC16C2550BIN40 Datasheet HTML 9Page - NXP Semiconductors SC16C2550BIN40 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Philips Semiconductors
SC16C2550B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Product data
Rev. 02 — 14 December 2004
6 of 42
9397 750 14449
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
5.2 Pin description
Fig 4.
LQFP48 pin configuration.
SC16C2550BIB48
002aaa598
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
D5
D6
D7
RXB
RXA
TXRDYB
TXA
TXB
OP2B
CSA
CSB
N.C.
RESET
DTRB
DTRA
RTSA
OP2A
RXRDYA
INTA
INTB
A0
A1
A2
N.C.
Table 2:
Pin description
Symbol
Pin
Type Description
DIP40 PLCC44 LQFP48
A0
28
31
28
I
Address 0 select bit. Internal register address selection.
A1
27
30
27
I
Address 1 select bit. Internal register address selection.
A2
26
29
26
I
Address 2 select bit. Internal register address selection.
CSA, CSB 14, 15 16, 17
10, 11
I
Chip Select A, B (Active-LOW). This function is associated with individual
channels, A through B. These pins enable data transfers between the user
CPU and the SC16C2550B for the channel(s) addressed. Individual UART
sections (A, B) are addressed by providing a logic 0 on the respective CSA,
CSB pin.
D0-D7
1-8
2-9
44-48,
1-3
I/O
Data bus (bi-directional). These pins are the 8-bit, 3-State data bus for
transferring information to or from the controlling CPU. D0 is the least
significant bit and the first data bit in a transmit or receive serial data
stream.
GND
20
22
17
I
Signal and power ground.


Similar Part No. - SC16C2550BIN40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C2550BIN40 PHILIPS-SC16C2550BIN40 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2550BIN40 NXP-SC16C2550BIN40 Datasheet
221Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
More results

Similar Description - SC16C2550BIN40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C554B PHILIPS-SC16C554B Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C554BIB80-T NXP-SC16C554BIB80-T Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C554B NXP-SC16C554B_10 Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C752B PHILIPS-SC16C752B Datasheet
225Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C754B NXP-SC16C754B Datasheet
252Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com