Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTST-C170KFKT Datasheet(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part No. LTST-C170KFKT
Description  Meet ROHS, Green Product.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

LTST-C170KFKT Datasheet(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  LTST-C170KFKT Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C170KFKT Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C170KFKT Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C170KFKT Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C170KFKT Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C170KFKT Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C170KFKT Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C170KFKT Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. LTST-C170KFKT Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Electrical Optical Characteristics At Ta=25℃
Parameter
Symbol
Part No.
LTST-
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
C170KFKT
45.0
90.0
mcd
IF = 20mA
Note 1
Viewing Angle
2θ1/2
C170KFKT
130
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λ
P
C170KFKT
611
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λ
d
C170KFKT
605
nm
Note 3
Spectral Line Half-Width
Δλ
C170KFKT
17
nm
Forward Voltage
VF
C170KFKT
2.0
2.4
V
IF = 20mA
Reverse Current
IR
C170KFKT
100
μ
A
VR = 5V
Capacitance
C
C170KFKT
40
PF
VF = 0
f = 1MHZ
Notes: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
Part No. : LTST-C170KFKT
Page :
4
of
11
BNS-OD-C131/A4


Similar Part No. - LTST-C170KFKT

ManufacturerPart No.DatasheetDescription
Lite-On Technology Corporation
Lite-On Technology Corp...
LTST-C170KFKT LITEON-LTST-C170KFKT Datasheet
718Kb / 11P
   Meet ROHS, Green Product Ultra bright A1InGaP Chip LED
LTST-C170KFKT-5A LITEON-LTST-C170KFKT-5A Datasheet
828Kb / 12P
   SMD LED
More results

Similar Description - LTST-C170KFKT

ManufacturerPart No.DatasheetDescription
Lite-On Technology Corporation
Lite-On Technology Corp...
LTST-C150CKT LITEON-LTST-C150CKT Datasheet
758Kb / 11P
   Meet ROHS, Green Product.
HK TO-GRACE TECHNOLOGY CO.,LTD.
HK TO-GRACE TECHNOLOGY ...
LTST-010KSKT TO-GRACE-LTST-010KSKT Datasheet
660Kb / 11P
   Meet ROHS, Green Product.
LTST-108KRKT TO-GRACE-LTST-108KRKT Datasheet
862Kb / 11P
   Meet ROHS, Green Product.
LTST-C190TGKT TO-GRACE-LTST-C190TGKT Datasheet
749Kb / 11P
   Meet ROHS, Green Product.
LTST-C191KRKT TO-GRACE-LTST-C191KRKT Datasheet
736Kb / 11P
   Meet ROHS, Green Product.
LTST-C191TGKT TO-GRACE-LTST-C191TGKT Datasheet
729Kb / 11P
   Meet ROHS, Green Product.
LTST-C150KRKT TO-GRACE-LTST-C150KRKT Datasheet
960Kb / 11P
   Meet ROHS, Green Product.
LTST-C171KGKT TO-GRACE-LTST-C171KGKT Datasheet
1Mb / 11P
   Meet ROHS, Green Product.
LTST-C171TBKT TO-GRACE-LTST-C171TBKT Datasheet
754Kb / 11P
   Meet ROHS, Green Product.
LTST-C295TBKFKT TO-GRACE-LTST-C295TBKFKT Datasheet
754Kb / 12P
   Meet ROHS, Green Product.
LTST-C235TBJRKT TO-GRACE-LTST-C235TBJRKT Datasheet
732Kb / 12P
   Meet ROHS, Green Product.
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz