Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5K433CA02 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # S5K433CA02
Description  1/4 Optical Size 640x480(VGA) 3.3V/2.8V VGA CMOS Image Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5K433CA02 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button S5K433CA02 Datasheet HTML 7Page - Samsung semiconductor S5K433CA02 Datasheet HTML 8Page - Samsung semiconductor S5K433CA02 Datasheet HTML 9Page - Samsung semiconductor S5K433CA02 Datasheet HTML 10Page - Samsung semiconductor S5K433CA02 Datasheet HTML 11Page - Samsung semiconductor S5K433CA02 Datasheet HTML 12Page - Samsung semiconductor S5K433CA02 Datasheet HTML 13Page - Samsung semiconductor S5K433CA02 Datasheet HTML 14Page - Samsung semiconductor S5K433CA02 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
1/4 INCH VGA CMOS IMAGE SENSOR
S5K433CA, S5K433LA
11
I2C Serial Interface Characteristics
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
Clock frequency
fSCK
-
-
-
400
kHz
Clock high pulse width
tWH
SCL
800
-
-
ns
Clock low pulse width
tWL
SCL
1000
-
-
Clock rise/fall time
tR/tF
SCL, SDA
-
-
300
Data set-up time
tDS
SDA to SCL
300
-
-
Data hold time
tDH
SDA to SCL
1200
-
-
START condition hold time
tSTH
-
4
TMCLK
STOP condition setup time
tSTS
-
4
-
-
STOP to new START gap
tGSS
-
8
-
-
Capacitance for each pin
CPIN
SCL, SDA
-
-
4
pF
Capacitive bus load
CBUS
SCL, SDA
-
-
200
Pull-up resistor
RPU
SCL, SDA to VDD
1.5
-
10
k
SDA
SCL
0.1VDD
0.9VDD
tSTRS
tSTRH
tWL
tDH
tWH
tDS
tF
tR
0.1VDD
0.9VDD
tSTPS
RSTN
STBYN
tWSTB
tWRST
MCLK
system
reset
partial
power down
complete
power down


Similar Part No. - S5K433CA02

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5K437CA SAMSUNG-S5K437CA Datasheet
285Kb / 36P
   1/4 Optical Size 640x480 (VGA) 2.8V CMOS Image Sensor
S5K437CX01 SAMSUNG-S5K437CX01 Datasheet
285Kb / 36P
   1/4 Optical Size 640x480 (VGA) 2.8V CMOS Image Sensor
S5K437CX02 SAMSUNG-S5K437CX02 Datasheet
285Kb / 36P
   1/4 Optical Size 640x480 (VGA) 2.8V CMOS Image Sensor
S5K437CX03 SAMSUNG-S5K437CX03 Datasheet
285Kb / 36P
   1/4 Optical Size 640x480 (VGA) 2.8V CMOS Image Sensor
More results

Similar Description - S5K433CA02

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5K437CA SAMSUNG-S5K437CA Datasheet
285Kb / 36P
   1/4 Optical Size 640x480 (VGA) 2.8V CMOS Image Sensor
SX5437M21X SAMSUNG-SX5437M21X Datasheet
266Kb / 18P
   1/4 Optical Size 640x480(VGA) CIS Camera Module
SX5433M14X SAMSUNG-SX5433M14X Datasheet
260Kb / 17P
   1/4 Optical Size 640x480 (VGA) CIS Camera Module
logo
Pixart Imaging Inc.
PAS6352 PIXART-PAS6352 Datasheet
313Kb / 16P
   CMOS VGA IMAGE SENSOR
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
   VGA CMOS Color Image Sensor
logo
Pixart Imaging Inc.
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
   CMOS VGA DIGITAL IMAGE SENSOR
logo
Cypress Semiconductor
CYIA2SC0300AA-BQE CYPRESS-CYIA2SC0300AA-BQE Datasheet
735Kb / 18P
   1/3??VGA-Format CMOS Image Sensor
logo
List of Unclassifed Man...
GC0308 ETC1-GC0308 Datasheet
2Mb / 32P
   1/6.5?쇺? VGA CMOS Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com