Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5K437CA Datasheet(PDF) 3 Page - Samsung semiconductor

Part No. S5K437CA
Description  1/4 Optical Size 640x480 (VGA) 2.8V CMOS Image Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

S5K437CA Datasheet(HTML) 3 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
DOCUMENT TITLE
1/4" Optical Size 640
× 480 (VGA) 2.8V CMOS Image Sensor
REVISION HISTORY
Revision No.
History
Draft Date
Remark
0.0
Initial Draft
Mar, 01. 2004
1.0
Changed the operation frequency (30MHz
→ 24.54MHz).
Added the shutter operation range limit.
Added recommended value for selection of OB_AREA.
Added CHIP pad description.
May, 18. 2004
1.1
Added AC characteristic timing diagram
(include Standby timing diagram)
July, 15. 2004


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn