Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


S5K437CA Datasheet(PDF) 19 Page - Samsung semiconductor

Part No. S5K437CA
Description  1/4 Optical Size 640x480 (VGA) 2.8V CMOS Image Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

 19 page
background image
1/4 INCH VGA CMOS IMAGE SENSOR
S5K437CX
15
Addres
s (Hex)
Reset
Value
Bits
Mnemonic
Description
0Dh
01h
[4:0]
cintr_high
Row-step integration time in continuous frame capture
mode (range is described in operation description)
0Eh
06h
[7:0]
cintr_low
cintr[12:0] = 262d (default)
0Fh
00h
[5:0]
cintc_high
Column-step integration time in continuous frame capture
mode (range is described in operation description)
10h
00h
[7:0]
cintc_low
cintc[13:0] = 0d (default)
11h
01h
[7:0]
vswd
VSYNC width
vswd[7:0] = 1d (default)
12h
00h
[5]
vspolar
VSYNC polarity
0: active high (default), 1: active low
[4]
vsdisp
VSYNC display mode
0: sync mode (default), 1: data valid mode
[1:0]
vsstrt_high
VSYNC start position
vsstrt[9:0] = 0d (default)
13h
00h
[7:0]
vsstrt_low
14h
00h
[4:0]
vblank_high
Vertical blank depth
vblank[12:0] = 45d (default)
15h
2Dh
[7:0]
vblank_low
16h
20h
[7:0]
hswd
HSYNC width
hswd[7:0] = 32d (default)
17h
00h
[5]
hspolar
HSYNC polarity
0: active high (default), 1: active low
[4]
hsdisp
HSYNC display mode
0: sync mode (default), 1: data valid mode
[1:0]
hsstart_high
HSYNC start position
18h
00h
[7:0]
hsstart_low
hsstrt[9:0] = 0d (default)
19h
00h
[5:0]
hblank_high
Horizontal blank depth
1Ah
8Ch
[7:0]
hblank_low
hblank[13:0] = 140d (default)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S5K433CA1/4 Optical Size 640x480 VGA 3.3V/2.8V VGA CMOS Image Sensor 1 2 3 4 5 MoreSamsung semiconductor
LM9617Monochrome CMOS Image Sensor VGA 30 FPS 1 2 3 4 5 MoreNational Semiconductor (TI)
MT9V1111/4-Inch SOC VGA CMOS Active-Pixel Digital Image Sensor 1 2 3 4 5 MoreMicron Technology
LM9618Monochrome CMOS Image Sensor VGA 30 FPS 1 2 National Semiconductor (TI)
MT9V4031/2-INCH VGA WITH FREEZE-FRAME CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR 1 2 3 4 5 MoreMicron Technology
LM9627Color CMOS Image Sensor VGA 30 FPS 1 2 3 4 5 MoreNational Semiconductor (TI)
LM9637LM9637 Monochrome CMOS Image Sensor VGA 68 FPS 1 2 National Semiconductor (TI)
LM9647LM9647 Color CMOS Image Sensor VGA 68 FPS 1 2 National Semiconductor (TI)
VS6502VGA Color CMOS Image Sensor Module 1 2 STMicroelectronics
VS6552VGA Color CMOS Image Sensor Module 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl