Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5K437CA Datasheet(PDF) 6 Page - Samsung semiconductor

Part # S5K437CA
Description  1/4 Optical Size 640x480 (VGA) 2.8V CMOS Image Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5K437CA Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button S5K437CA Datasheet HTML 2Page - Samsung semiconductor S5K437CA Datasheet HTML 3Page - Samsung semiconductor S5K437CA Datasheet HTML 4Page - Samsung semiconductor S5K437CA Datasheet HTML 5Page - Samsung semiconductor S5K437CA Datasheet HTML 6Page - Samsung semiconductor S5K437CA Datasheet HTML 7Page - Samsung semiconductor S5K437CA Datasheet HTML 8Page - Samsung semiconductor S5K437CA Datasheet HTML 9Page - Samsung semiconductor S5K437CA Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
1/4 INCH VGA CMOS IMAGE SENSOR
S5K437CX
2
INTRODUCTION
S5K437CX is a highly integrated single chip CMOS image sensor developed by SAMSUNG with the 0.35
µm
CMOS image sensor process technology. It is designed to implement high-efficient and low-power photo sensor
in the imaging application. The sensor has 640 x 480 effective pixels with 1/4 inch optical format. The sensor
digitizes the pixel output with the on-chip 10-bit ADC blocks and drastically Fixed Pattern Noise (FPN) with the on-
chip CDS. With the interface signals and 10-bit raw data directly connected to the external devices, you can easily
set up the camera system. S5K437CX is suitable for low power camera module with 2.8V power supply.
FEATURES
Process Technology: 0.35
µm DPTM CMOS
Optical Size: 1/4 inch
Unit Pixel: 5.6
µm X 5.6 µm
Effective Resolution: 640X480, VGA
Line Progressive Read Out.
10-bit Raw Image Data Output
Programmable Exposure Time
Programmable Gain Control
Auto Dark Level Compensation
Windowing and Panning
Sub-Sampling (2X, 3X, 4X)
Standby-Mode for Power Saving
Maximum 30 Frame per Second
Bad Pixel Replacement
Single Power Supply Voltage: 2.8V
Package Type: 48-CLCC (TEST Only)
PRODUCTS
Product Code
Power Supply
Backend Process
Description
S5K437CX01
2.8 V
None
Monochrome image sensor
S5K437CX02
2.8 V
On-chip micro lens
High sensitivity monochrome image sensor
S5K437CX03
2.8 V
On-chip color filter and
micro lens
RGB color image sensor


Similar Part No. - S5K437CA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5K433CA SAMSUNG-S5K433CA Datasheet
646Kb / 25P
   1/4 Optical Size 640x480(VGA) 3.3V/2.8V VGA CMOS Image Sensor
S5K433CA01 SAMSUNG-S5K433CA01 Datasheet
646Kb / 25P
   1/4 Optical Size 640x480(VGA) 3.3V/2.8V VGA CMOS Image Sensor
S5K433CA02 SAMSUNG-S5K433CA02 Datasheet
646Kb / 25P
   1/4 Optical Size 640x480(VGA) 3.3V/2.8V VGA CMOS Image Sensor
S5K433CA03 SAMSUNG-S5K433CA03 Datasheet
646Kb / 25P
   1/4 Optical Size 640x480(VGA) 3.3V/2.8V VGA CMOS Image Sensor
S5K433LA SAMSUNG-S5K433LA Datasheet
646Kb / 25P
   1/4 Optical Size 640x480(VGA) 3.3V/2.8V VGA CMOS Image Sensor
More results

Similar Description - S5K437CA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5K433CA SAMSUNG-S5K433CA Datasheet
646Kb / 25P
   1/4 Optical Size 640x480(VGA) 3.3V/2.8V VGA CMOS Image Sensor
SX5437M21X SAMSUNG-SX5437M21X Datasheet
266Kb / 18P
   1/4 Optical Size 640x480(VGA) CIS Camera Module
SX5433M14X SAMSUNG-SX5433M14X Datasheet
260Kb / 17P
   1/4 Optical Size 640x480 (VGA) CIS Camera Module
logo
Pixart Imaging Inc.
PAS6352 PIXART-PAS6352 Datasheet
313Kb / 16P
   CMOS VGA IMAGE SENSOR
logo
Cypress Semiconductor
CYIA2SC0300AA-BQE CYPRESS-CYIA2SC0300AA-BQE Datasheet
735Kb / 18P
   1/3??VGA-Format CMOS Image Sensor
logo
List of Unclassifed Man...
GC0308 ETC1-GC0308 Datasheet
2Mb / 32P
   1/6.5?쇺? VGA CMOS Image Sensor
logo
Micron Technology
MT9V011 MICRON-MT9V011 Datasheet
537Kb / 33P
   1/4-INCH VGA CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
   VGA CMOS Color Image Sensor
logo
Pixart Imaging Inc.
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com