Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4729 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4729
Description  Low-Voltage 3.5ohm, SPDT, CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4729 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4729 Datasheet HTML 1Page - Maxim Integrated Products MAX4729 Datasheet HTML 2Page - Maxim Integrated Products MAX4729 Datasheet HTML 3Page - Maxim Integrated Products MAX4729 Datasheet HTML 4Page - Maxim Integrated Products MAX4729 Datasheet HTML 5Page - Maxim Integrated Products MAX4729 Datasheet HTML 6Page - Maxim Integrated Products MAX4729 Datasheet HTML 7Page - Maxim Integrated Products MAX4729 Datasheet HTML 8Page - Maxim Integrated Products MAX4729 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Low-Voltage 3.5
, SPDT,
CMOS Analog Switches
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
DYNAMIC
+25°C18
45
Turn-On Time (Note 5)
tON
VNO, VNC = 2V, RL = 300
Ω,
CL = 35pF, Figure 1
TMIN to TMAX
45
ns
+25°C10
26
Turn-Off Time (Note 5)
tOFF
VNO, VNC = 2V, RL = 300
Ω,
CL = 35pF, Figure 1
TMIN to TMAX
26
ns
+25°C5
Break-Before-Make (Note 5)
VNO, VNC = 2V, RL = 300
Ω,
CL = 35pF, Figure 1
TMIN to TMAX
1
ns
Charge Injection
Q
VGEN = 0V, RGEN = 0, CL = 1.0nF, Figure 3
3
pC
NO, NC Off-Capacitance
CNO(OFF),
CNC(OFF)
f = 1MHz, Figure 4
6.5
pF
Switch On-Capacitance
CON
f = 1MHz, Figure 4
19.5
pF
f = 1MHz
-67
Off-Isolation (Note 7)
VISO
VNO = VNC = 1VRMS, RL =
50
Ω, CL = 5pF, Figure 2
f = 10MHz
-45
dB
On-Channel Bandwidth -3dB
BW
Signal = 0dBm, 50
Ω in and out, Figure 2
300
MHz
f = 1MHz
-67
Crosstalk (Note 8)
VCT
NO or NC = 1VRMS, CL =
5pF, RL = 50
Ω, Figure 2
f = 10MHz
-52
dB
Total Harmonic Distortion
THD
RL = 600
Ω, VNC or VNO =
2VP-P, f = 20Hz to 20kHz
+25°C
0.035
%
POWER SUPPLY
Power-Supply Range
V+
1.8
5.5
V
+25°C
0.001
Positive Supply Current
I+
V+ = 5.5V, VIN = 0V or 5.5V
TMIN to TMAX
1
µA
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +2.7V to +3.6V, VIH = +2.0V, VIL = +0.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Note 2: SC70 and µDFN parts are 100% tested at TA = +25°C. Limits across the full-temperature range are guaranteed by design
and correlation.
Note 3:
∆RON = RON(MAX) - RON(MIN).
Note 4: RON flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 5: Guaranteed by design.
Note 6: µDFN is guaranteed by design.
Note 7: Off-Isolation = 20log10 (VO / VI), where VO is VCOM and VI is either VNC or VNO from the network analyzer.
Note 8: Crosstalk is measured between the two switches.


Similar Part No. - MAX4729

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4729ELT+T MAXIM-MAX4729ELT+T Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
MAX4729EXT+T MAXIM-MAX4729EXT+T Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
MAX4729 MAXIM-MAX4729_V01 Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
More results

Similar Description - MAX4729

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4729 MAXIM-MAX4729_V01 Datasheet
217Kb / 9P
   Low-Voltage 3.5廓, SPDT, CMOS Analog Switches
2014
MAX4635 MAXIM-MAX4635 Datasheet
245Kb / 11P
   Fast, Low-Voltage, Dual 4??SPDT CMOS Analog Switches
Rev 2; 5/03
MAX4561_V1 MAXIM-MAX4561_V1 Datasheet
147Kb / 11P
   ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
MAX4561 MAXIM-MAX4561 Datasheet
234Kb / 12P
   ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
logo
List of Unclassifed Man...
AAM3202 ETC2-AAM3202 Datasheet
207Kb / 5P
   ULTRA LOW POWER, DUAL-SPDT CMOS ANALOG SWITCHES
logo
Monolithic Power System...
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Vishay Siliconix
DG2535E VISHAY-DG2535E Datasheet
167Kb / 10P
   0.3 Ω, Low Voltage Dual SPDT Analog Switches
Rev. A, 30-Jan-17
logo
Monolithic Power System...
EVQ2735GG-00A MPS-EVQ2735GG-00A Datasheet
438Kb / 4P
   Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com