Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62127DV30LL-55ZSI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62127DV30LL-55ZSI
Description  1 Mb (64K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62127DV30LL-55ZSI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62127DV30LL-55ZSI Datasheet HTML 1Page - Cypress Semiconductor CY62127DV30LL-55ZSI Datasheet HTML 2Page - Cypress Semiconductor CY62127DV30LL-55ZSI Datasheet HTML 3Page - Cypress Semiconductor CY62127DV30LL-55ZSI Datasheet HTML 4Page - Cypress Semiconductor CY62127DV30LL-55ZSI Datasheet HTML 5Page - Cypress Semiconductor CY62127DV30LL-55ZSI Datasheet HTML 6Page - Cypress Semiconductor CY62127DV30LL-55ZSI Datasheet HTML 7Page - Cypress Semiconductor CY62127DV30LL-55ZSI Datasheet HTML 8Page - Cypress Semiconductor CY62127DV30LL-55ZSI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CY62127DV30
MoBL®
Document #: 38-05229 Rev. *D
Page 4 of 12
AC Test Loads and Waveforms[8]
Data Retention Waveform[10]
Notes:
7. Tested initially and after any design or proces changes that may affect these parameters.
8. Test condition for the 45-ns part is a load capacitance of 30 pF.
9. Full device operation requires linear VCC ramp from VDR to VCC(min.) > 200 µs.
10. BHE.BLE is the AND of both BHE and BLE. Chip can be deselected by either disabling the Chip Enable signals or by disabling both.
Capacitance[7]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz
VCC = VCC(typ)
8pF
COUT
Output Capacitance
8
pF
Thermal Resistance
Parameter
Description
Test Conditions
FBGA TSOP II Unit
θJA
Thermal Resistance (Junction to Ambient)[7]
Still Air, soldered on a 3 x 4.5 inch,
two-layer printed circuit board
55
76
°C/W
θJC
Thermal Resistance (Junction to Case)[7]
12
11
°C/W
Data Retention Characteristics
Parameter
Description
Conditions
Min.
Typ.[4]
Max.
Unit
VDR
VCC for Data Retention
1.5
V
ICCDR
Data Retention Current
VCC=1.5V, CE > VCC − 0.2V,
VIN > VCC − 0.2V or VIN < 0.2V
L4
µA
LL
3
tCDR[7]
Chip Deselect to Data
Retention Time
0ns
tR[9]
Operation Recovery Time
200
µs
VCC Typ
VCC
OUTPUT
R2
C = 50 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
OUTPUT
VTH
Equivalent to:
THÉVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
Rise Time:
1 V/ns
Fall Time:
1 V/ns
L
Parameters
3.0V (2.7– 3.6V)
Unit
R1
1103
R2
1554
RTH
645
VTH
1.75
V
2.5V (2.2– 2.7V)
16600
15400
8000
1.2
tCDR
VDR > 1.5V
DATA RETENTION MODE
tR
CE or
VCC
BHE. BLE
VCC(min.)
V CC(min.)


Similar Part No. - CY62127DV30LL-55ZSI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127DV30LL-55ZI CYPRESS-CY62127DV30LL-55ZI Datasheet
549Kb / 11P
   1-Mb (64K x 16) Static RAM
CY62127DV30LL-55ZI CYPRESS-CY62127DV30LL-55ZI Datasheet
554Kb / 11P
   1-Mb (64K x 16) Static RAM
CY62127DV30LL-55ZXI CYPRESS-CY62127DV30LL-55ZXI Datasheet
549Kb / 11P
   1-Mb (64K x 16) Static RAM
CY62127DV30LL-55ZXI CYPRESS-CY62127DV30LL-55ZXI Datasheet
554Kb / 11P
   1-Mb (64K x 16) Static RAM
More results

Similar Description - CY62127DV30LL-55ZSI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127DV30 CYPRESS-CY62127DV30_06 Datasheet
549Kb / 11P
   1-Mb (64K x 16) Static RAM
CY62127DV18 CYPRESS-CY62127DV18_05 Datasheet
223Kb / 11P
   1 Mb (64K x 16) Static RAM
CY62127DV30 CYPRESS-CY62127DV30_09 Datasheet
554Kb / 11P
   1-Mb (64K x 16) Static RAM
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30_06 Datasheet
365Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_05 Datasheet
183Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33_10 Datasheet
576Kb / 13P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com