Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHM8001 Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PHM8001
Description  MOSFET MODULE Single 900A/150A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHM8001 Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PHM8001 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PHM8001 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PHM8001 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PHM8001 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PHM8001 OUTLINE DRAWING (Dimensionsin mm)


Similar Part No. - PHM8001

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHM8001 NIEC-PHM8001 Datasheet
119Kb / 5P
   800A 150V
PHM8001 NIEC-PHM8001_1 Datasheet
119Kb / 5P
   800A 150V
More results

Similar Description - PHM8001

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
DAGNH1501200 DACO-DAGNH1501200 Datasheet
440Kb / 3P
   IGBT Module 150A
logo
Nihon Inter Electronics...
PCH1508 NIEC-PCH1508 Datasheet
256Kb / 5P
   THYRISTOR MODULE 150A/800V
logo
MacMic
MMG150B065PD6EN MACMIC-MMG150B065PD6EN Datasheet
284Kb / 5P
   650V 150A IGBT Module
MMG150D170B6EN MACMIC-MMG150D170B6EN Datasheet
307Kb / 5P
   1700V 150A IGBT Module
MMG150S060B6TC MACMIC-MMG150S060B6TC Datasheet
354Kb / 6P
   600V 150A IGBT Module
MMG150D170B MACMIC-MMG150D170B Datasheet
1Mb / 3P
   1700V 150A IGBT Module
MMF150S060DA MACMIC-MMF150S060DA Datasheet
457Kb / 3P
   600V 150A FRED Module
MMF150S060DK MACMIC-MMF150S060DK Datasheet
390Kb / 3P
   600V 150A FRED Module
MMF150S120DA MACMIC-MMF150S120DA Datasheet
439Kb / 3P
   1200V 150A FRED Module
MMG150D120UA6TN MACMIC-MMG150D120UA6TN Datasheet
518Kb / 5P
   1200V 150A IGBT Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com