Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJU7008 Datasheet(PDF) 3 Page - New Japan Radio

Part No. NJU7008
Description  LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS OPERATIONAL AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NJRC [New Japan Radio]
Homepage  http://www.njr.co.jp/index_e.htm
Logo 

NJU7008 Datasheet(HTML) 3 Page - New Japan Radio

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2003/07/16 ( 3 / 4 )
NJU7007/08
s
ELECTRICAL CHARACTERISTICS
NJU7007
(VDD=3.0V,RL=∞,Ta=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VIO
VIN=VDD/2
-
-
4
mV
Input Offset Current
IIO
-
1
-
pA
Input Bias Current
IIB
-
1
-
pA
Input Impedance
RIN
-
1
-
TΩ
Large Signal Voltage Gain
AVD
60
70
-
dB
Input Common Mode
Voltage Range
VICM
0~2.5
-
-
V
VOM1
RL=1MΩ
VDD-0.1
-
-
V
Maximum Output
Swing Voltage
VOM2
RL=1MΩ
-
-
VSS+0.1
V
Output Source Current
IOH
VO=VDD/2
7
12
uA
Common Mode
Rejection Ratio
CMR
VIN=VDD/2
55
65
-
dB
Supply Voltage
Rejection Ratio
SVR
VDD=1.5~5.5V
60
70
-
dB
Operating Current
IDD
-
15
25
uA
Slew Rate
SR
-
0.1
-
V/us
Unity Gain Bandwidth
Ft
AV=40dB,CL=10pF
-
0.2
-
MHz
NJU7008
(VDD=3.0V,RL=∞,Ta=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VIO
VIN=VDD/2
-
-
4
mA
Input Offset Current
IIO
-
1
-
pA
Input Bias Current
IIB
-
1
-
pA
Input Impedance
RIN
-
1
-
TΩ
Large Signal Voltage Gain
AVD
60
70
-
dB
Input Common Mode
Voltage Range
VICM
0~2.5
-
-
V
VOM1
RL=50kΩ
VDD-0.1
-
-
V
Maximum Output
Swing Voltage
VOM2
RL=50kΩ
-
-
VSS+0.1
V
Output Source Current
IOH
VO=VDD/2
100
200
-
uA
Common Mode
Rejection Ratio
CMR
VIN=VDD/2
55
65
-
dB
Supply Voltage
Rejection Ratio
SVR
VDD=1.5~5.5V
60
70
-
dB
Operating Current
IDD
-
200
400
uA
Slew Rate
SR
-
2.4
-
V/us
Unity Gain Bandwidth
Ft
AV=40dB,CL=10pF
-
1.0
-
MHz


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn