Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC1688 Datasheet(PDF) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC1688
Description  LED driver chip
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC1688 Datasheet(HTML) 4 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC1688 Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1688 Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1688 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1688 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1688 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1688 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1688 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1688 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC1688 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
TC1688(文件编号:S&CIC1662)
LED 驱动芯片
www.superchip.cn
4 页 共 17 页
Version 1.0
电气特性
开关特性
4
VDD=2.4~ 5.5V及Ta=+25℃下测试,除非另有说明
TC1688
单位
参数名称
参数符号
VDD
测试条件
最小值
典型值
最大值
工作电流
IDD
5.0V
片内
RC,空载,开显示
0.3
0.6
mA
待机电流
ISTB
5.0V
省电模式,空载
0.1
10
μA
OSC,SYNC,DATA灌电流
IOL1
5.0V
Vol=0.5V
18
25
-
mA
OSC,SYNC,DATA拉电流
IOH1
5.0V
Voh=4.5V
-10
-13
-
mA
ROW灌电流
IOL2
5.0V
Vol=0.5V
12
16
-
mA
ROW拉电流
IOH2
5.0V
Voh=4.5V
-50
-70
-
mA
COM灌电流
IOL3
5.0V
Vol=0.5V
250
350
-
mA
COM拉电流
IOH3
5.0V
Voh=4.5V
-45
-60
-
mA
上拉电阻
Rph
5.0V
DATA, WR , CS , RD
18
27
40
VDD=2.4~ 5.5V及Ta=+25℃下测试,除非另有说明
TC1688
单位
参数名称
参数符号
VDD
测试条件
最小值
典型值
最大值
系统时钟
Fsys
5.0V
片内
RC
230
256
282
kHz
LED驱动扫描频率
Fled
5.0V
1/8 duty
-
Fsys/2624
-
Hz
1/16 duty
-
Fsys/2624
-
Hz
WR 时钟频率
Fclk1
5.0V
50%占空比
-
-
1
MHz
RD 时钟频率
Fclk2
5.0V
50%占空比
-
-
500
kHz
CS 复位脉宽
Tcs
-
-
250
-
-
ns
WR , RD 输入脉宽
Tclk
5.0V
写模式
0.5
-
-
μs
读模式
1.0
-
-
μs
DATA上升/下降时间
Tr/Tf
-
-
-
50
100
ns
DATA建立时间
Tsu
-
WR , RD 时钟
50
100
-
ns
DATA保持时间
Th
-
WR , RD 时钟
100
200
-
ns
CS 建立时间
Tsu1
-
WR , RD 时钟
50
100
-
ns
CS 保持时间
Th1
-
WR , RD 时钟
100
200
-
ns
DATA输出延时
Tod
-
-
-
100
200
ns


Similar Part No. - TC1688

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
TC168-124 ACE-TC168-124 Datasheet
106Kb / 2P
   TUBUS-Series Type TC Profile Damper for Crane Equipment
logo
Microchip Technology
TC1682 MICROCHIP-TC1682 Datasheet
406Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active High Shutdown
2002
TC1682 MICROCHIP-TC1682 Datasheet
239Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active High Shutdown
2005
TC1682EUA MICROCHIP-TC1682EUA Datasheet
406Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active High Shutdown
2002
TC1682EUA MICROCHIP-TC1682EUA Datasheet
239Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active High Shutdown
2005
More results

Similar Description - TC1688

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2803 HMSEMI-HM2803 Datasheet
1Mb / 8P
   HB-LED driver chip
HM2803A HMSEMI-HM2803A Datasheet
1Mb / 8P
   3W HB-LED driver chip
logo
SHENZHEN FUMAN ELECTRON...
TC7262 FUMAN-TC7262 Datasheet
235Kb / 4P
   LED display line driver chip
TC26803 FUMAN-TC26803 Datasheet
521Kb / 9P
   LED constant current driver chip
logo
Linkage Goston Electron...
SM7301 LINKAGE-SM7301 Datasheet
4Mb / 8P
   High power factor LED driver chip
logo
Shenzhen Huazhimei Semi...
HM7201 HMSEMI-HM7201 Datasheet
601Kb / 8P
   LED liear constant current driver chip
logo
QX Micro Devices Co.,Lt...
QX5235 QXMD-QX5235 Datasheet
622Kb / 2P
   High-power LED dedicated driver chip
logo
Linkage Goston Electron...
DK806 LINKAGE-DK806 Datasheet
4Mb / 14P
   3 W PFC LED driver chip drive chip
logo
SHENZHEN FUMAN ELECTRON...
TC26723 FUMAN-TC26723 Datasheet
124Kb / 4P
   Three-channel LED driver control chip
logo
List of Unclassifed Man...
PT4515 ETC1-PT4515 Datasheet
540Kb / 9P
   Single-segment linear LED driver chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com