Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3274UGE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3274UGE
Description  Dual-Rate Fibre Channel Limiting Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3274UGE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3274UGE Datasheet HTML 2Page - Maxim Integrated Products MAX3274UGE Datasheet HTML 3Page - Maxim Integrated Products MAX3274UGE Datasheet HTML 4Page - Maxim Integrated Products MAX3274UGE Datasheet HTML 5Page - Maxim Integrated Products MAX3274UGE Datasheet HTML 6Page - Maxim Integrated Products MAX3274UGE Datasheet HTML 7Page - Maxim Integrated Products MAX3274UGE Datasheet HTML 8Page - Maxim Integrated Products MAX3274UGE Datasheet HTML 9Page - Maxim Integrated Products MAX3274UGE Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Dual-Rate Fibre Channel Limiting Amplifier
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
10 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2003 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
E
1
2
21-0106
PACKAGE OUTLINE
12,16,20,24L QFN, 4x4x0.90 MM
E
2
2
21-0106
PACKAGE OUTLINE
12,16,20,24L QFN, 4x4x0.90 MM
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)


Similar Part No. - MAX3274UGE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3270 MAXIM-MAX3270 Datasheet
101Kb / 12P
   155Mbps/622Mbps Clock Recovery and Data Retiming IC with Fully Integrated Phase/Frequency Detector
19-0379; Rev 0; 3/95
MAX3270EMH MAXIM-MAX3270EMH Datasheet
101Kb / 12P
   155Mbps/622Mbps Clock Recovery and Data Retiming IC with Fully Integrated Phase/Frequency Detector
19-0379; Rev 0; 3/95
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3271D MAXIM-MAX3271D Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3271E MAXIM-MAX3271E Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
More results

Similar Description - MAX3274UGE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3772 MAXIM-MAX3772 Datasheet
220Kb / 9P
   Dual-Rate Fibre Channel Repeaters
19-2192; Rev 0; 10/01
logo
Texas Instruments
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501P TI-ONET8501P Datasheet
1Mb / 26P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB_17 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
logo
XFMRS Inc.
XF01561BF XFMRS-XF01561BF Datasheet
55Kb / 1P
   FIBRE CHANNEL DUAL TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPA3338S PCA-EPA3338S Datasheet
19Kb / 1P
   Fibre Channel Dual Transformer
logo
XFMRS Inc.
2039 XFMRS-2039 Datasheet
29Kb / 1P
   DUAL FIBRE CHANNEL TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPA3338S PCA-EPA3338S_15 Datasheet
19Kb / 1P
   Fibre Channel Dual Transformer
logo
XFMRS Inc.
2039 XFMRS-2039_15 Datasheet
29Kb / 1P
   DUAL FIBRE CHANNEL TRANSFORMERS
XF00461B2 XFMRS-XF00461B2 Datasheet
53Kb / 1P
   FIBRE CHANNEL DUAL TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com