Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3274 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3274
Description  Dual-Rate Fibre Channel Limiting Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3274 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3274 Datasheet HTML 1Page - Maxim Integrated Products MAX3274 Datasheet HTML 2Page - Maxim Integrated Products MAX3274 Datasheet HTML 3Page - Maxim Integrated Products MAX3274 Datasheet HTML 4Page - Maxim Integrated Products MAX3274 Datasheet HTML 5Page - Maxim Integrated Products MAX3274 Datasheet HTML 6Page - Maxim Integrated Products MAX3274 Datasheet HTML 7Page - Maxim Integrated Products MAX3274 Datasheet HTML 8Page - Maxim Integrated Products MAX3274 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Dual-Rate Fibre Channel Limiting Amplifier
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
INPUT = 1.2VP-P, 27 - 1 PRBS, BWSEL = 1
100ps/div
150mV/div
INPUT = 10mVP-P, 27 - 1 PRBS, BWSEL = 1
100ps/div
150mV/div
INPUT = 1.2VP-P, 27 - 1 PRBS, BWSEL = 0
200ps/div
150mV/div
200ps/div
150mV/div
INPUT = 10mVP-P, 27 - 1 PRBS, BWSEL = 0
INPUT RELAXATION OSCILLATION
(RO) OF LEGACY
FIBRE CHANNEL TRANSMITTERS
(INPUT = K28.5, 1.0625Gbps)
200ps/div
1mV/div
200ps/div
140mV/div
BWSEL = 1
RO NOT SUPPRESSED
BWSEL = 0
RO FULLY SUPPRESSED
200ps/div
140mV/div


Similar Part No. - MAX3274

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3270 MAXIM-MAX3270 Datasheet
101Kb / 12P
   155Mbps/622Mbps Clock Recovery and Data Retiming IC with Fully Integrated Phase/Frequency Detector
19-0379; Rev 0; 3/95
MAX3270EMH MAXIM-MAX3270EMH Datasheet
101Kb / 12P
   155Mbps/622Mbps Clock Recovery and Data Retiming IC with Fully Integrated Phase/Frequency Detector
19-0379; Rev 0; 3/95
MAX3271 MAXIM-MAX3271 Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3271D MAXIM-MAX3271D Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
MAX3271E MAXIM-MAX3271E Datasheet
558Kb / 8P
   3.3V, 2.5Gbps Low-Power Transimpedance Amplifier
Rev 0; 7/01
More results

Similar Description - MAX3274

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3772 MAXIM-MAX3772 Datasheet
220Kb / 9P
   Dual-Rate Fibre Channel Repeaters
19-2192; Rev 0; 10/01
logo
Texas Instruments
ONET8501PB TI1-ONET8501PB Datasheet
1Mb / 27P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501P TI-ONET8501P Datasheet
1Mb / 26P
[Old version datasheet]   11.3-Gbps RATE-SELECTABLE LIMITING AMPLIFIER
ONET8501PB TI1-ONET8501PB_17 Datasheet
1Mb / 32P
[Old version datasheet]   11.3-Gbps Rate-Selectable Limiting Amplifier
logo
XFMRS Inc.
XF01561BF XFMRS-XF01561BF Datasheet
55Kb / 1P
   FIBRE CHANNEL DUAL TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPA3338S PCA-EPA3338S Datasheet
19Kb / 1P
   Fibre Channel Dual Transformer
logo
XFMRS Inc.
2039 XFMRS-2039 Datasheet
29Kb / 1P
   DUAL FIBRE CHANNEL TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPA3338S PCA-EPA3338S_15 Datasheet
19Kb / 1P
   Fibre Channel Dual Transformer
logo
XFMRS Inc.
2039 XFMRS-2039_15 Datasheet
29Kb / 1P
   DUAL FIBRE CHANNEL TRANSFORMERS
XF00461B2 XFMRS-XF00461B2 Datasheet
53Kb / 1P
   FIBRE CHANNEL DUAL TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com