Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962G9689104VYX Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # 5962G9689104VYX
Description  Radiation-Hardened 32K x 8 PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

5962G9689104VYX Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  5962G9689104VYX Datasheet HTML 1Page - Aeroflex Circuit Technology 5962G9689104VYX Datasheet HTML 2Page - Aeroflex Circuit Technology 5962G9689104VYX Datasheet HTML 3Page - Aeroflex Circuit Technology 5962G9689104VYX Datasheet HTML 4Page - Aeroflex Circuit Technology 5962G9689104VYX Datasheet HTML 5Page - Aeroflex Circuit Technology 5962G9689104VYX Datasheet HTML 6Page - Aeroflex Circuit Technology 5962G9689104VYX Datasheet HTML 7Page - Aeroflex Circuit Technology 5962G9689104VYX Datasheet HTML 8Page - Aeroflex Circuit Technology 5962G9689104VYX Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
READ CYCLE
A combination of PE greater than VIH(min), and CE less than
VIL(max) defines a read cycle. Read access time is measured
from the latter of device enable, output enable, or valid address
to valid data output.
An address access read is initiated by a change in address inputs
while the chip is enabled with OE asserted and PE deasserted.
Valid data appears on data output, DQ(7:0), after the specified
tAVQV is satisfied. Outputs remain active throughout the entire
cycle. As long as device enable and output enable are active, the
address inputs may change at a rate equal to the minimum read
cycle time.
The chip enable-controlled access is initiated byCE going active
while OE remains asserted, PE remains deasserted, and the
addresses remain stable for the entire cycle. After the specified
t
ELQV is satisfied, the eight-bit word addressed by A(14:0)
appears at the data outputs DQ(7:0).
Output enable-controlled access is initiated by OE going active
while CE is asserted, PE is deasserted, and the addresses are
stable. Read access time is tGLQV unless tAVQV or tELQV have
not been satisfied.
AC CHARACTERISTICS READ CYCLE (Post-Radiation)*
(VDD = 5.0V ±10%; -55°C < TC < +125°C)
Notes:
* Post-radiation performance guaranteed at 25
°C per MIL-STD-883 Method 1019 at 1E6 rads(Si).
1. Functional test.
2. Three-state is defined as a 400mV change from steady-state output voltage.
SYMBOL
PARAMETER
28F256-45
MIN
MAX
28F256-40
MIN
MAX
UNIT
tAVAV
1
Read cycle time
45
40
ns
tAVQV
Read access time
45
40
ns
tAXQX
2
Output hold time
0
0
ns
tGLQX
2
OE-controlled output enable time
0
0
ns
tGLQV
OE-controlled access time
15
15
ns
t
GHQZ
OE-controlled output three-state time
15
15
ns
tELQX
2
CE -controlled output enable time
0
0
ns
t
ELQV
CE -controlled access time
45
40
ns
tEHQZ
CE-controlled output three-state time
15
15
ns


Similar Part No. - 5962G9689104VYX

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
5962G9563801QQA AEROFLEX-5962G9563801QQA Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962G9563801QQC AEROFLEX-5962G9563801QQC Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
5962G9563801QQX AEROFLEX-5962G9563801QQX Datasheet
347Kb / 19P
   Radiation-Hardened MicroController
logo
List of Unclassifed Man...
5962G9563801QQYA ETC2-5962G9563801QQYA Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
5962G9563801QQYC ETC2-5962G9563801QQYC Datasheet
182Kb / 18P
   Radiation-Hardened MicroController
More results

Similar Description - 5962G9689104VYX

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-6617RH INTERSIL-HS-6617RH_00 Datasheet
139Kb / 5P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6664RH-T INTERSIL-HS-6664RH-T Datasheet
181Kb / 3P
   Radiation Hardened 8K x 8 CMOS PROM
HS-6617RH-T INTERSIL-HS-6617RH-T Datasheet
94Kb / 3P
   Radiation Hardened 2K x 8 CMOS PROM
HS-6617RH INTERSIL-HS-6617RH Datasheet
128Kb / 14P
   Radiation Hardened 2K x 8 CMOS PROM
logo
Cypress Semiconductor
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
logo
Intersil Corporation
HS-6664RH INTERSIL-HS-6664RH Datasheet
258Kb / 5P
   Radiation Hardened 8kx8 CMOS PROM
logo
Intel Corporation
M2732A INTEL-M2732A Datasheet
420Kb / 6P
   32K (4K X 8) UV ERASABLE PROM
M27256 INTEL-M27256 Datasheet
554Kb / 9P
   256K(32K x 8) UV ERASABLE PROM
logo
Cypress Semiconductor
CY7C271 CYPRESS-CY7C271 Datasheet
237Kb / 11P
   32K x 8 Power Switched and Reprogrammable PROM
logo
National Semiconductor ...
NMC2532 NSC-NMC2532 Datasheet
222Kb / 5P
   32k-Bit (4k x 8) UV Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com