Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS29F800B-90CDBJQ Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS29F800B-90CDBJQ
Description  1048576 BY 8-BIT/ 524288 BY 16-BIT FLASH MEMORIES
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS29F800B-90CDBJQ Datasheet(HTML) 1 Page - Texas Instruments

  TMS29F800B-90CDBJQ Datasheet HTML 1Page - Texas Instruments TMS29F800B-90CDBJQ Datasheet HTML 2Page - Texas Instruments TMS29F800B-90CDBJQ Datasheet HTML 3Page - Texas Instruments TMS29F800B-90CDBJQ Datasheet HTML 4Page - Texas Instruments TMS29F800B-90CDBJQ Datasheet HTML 5Page - Texas Instruments TMS29F800B-90CDBJQ Datasheet HTML 6Page - Texas Instruments TMS29F800B-90CDBJQ Datasheet HTML 7Page - Texas Instruments TMS29F800B-90CDBJQ Datasheet HTML 8Page - Texas Instruments TMS29F800B-90CDBJQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
TMS29F800T, TMS29F800B
1048576 BY 8-BIT/ 524288 BY 16-BIT
FLASH MEMORIES
SMJS835B – MAY 1997 – REVISED OCTOBER 1997
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D Single Power Supply Supports 5 V "10%
Read/Write Operation
D Organization... 1048576 By 8 Bits
524 288 By 16 Bits
D Array-Blocking Architecture
– One 16K-Byte/One 8K-Word Boot Sector
– Two 8K-Byte/4K-Word Parameter Sectors
– One 32K-Byte/16K-Word Sector
– Fifteen 64K-Byte/32K-Word Sectors
– Any Combination of Sectors Can Be
Erased. Supports Full-Chip Erase
– Any Combination of Sectors Can Be
Marked as Read-Only
D Boot-Code Sector Architecture
– T = Top Sector
– B = Bottom Sector
D Sector Protection
– Hardware Protection Method That
Disables Any Combination of Sectors
From Write or Erase Operations Using
Standard Programming Equipment
D Embedded Program/Erase Algorithms
– Automatically Pre-Programs and Erases
Any Sector
– Automatically Programs and Verifies the
Program Data at Specified Address
D JEDEC Standards
– Compatible With JEDEC Byte Pinouts
– Compatible With JEDEC EEPROM
Command Set
D Fully Automated On-Chip Erase and
Program Operations
D 100 000 Program/Erase Cycles
D Low Power Dissipation
– 40-mA Typical Active Read for Byte Mode
– 50-mA Typical Active Read for Word
Mode
– 60-mA Typical Program/Erase Current
– Less Than 100-
µA Standby Current
– 5
µA in Deep Power-Down Mode
D All Inputs/Outputs TTL-Compatible
D Erase Suspend/Resume
– Supports Reading Data From, or
Programming Data to, a Sector Not
Being Erased
D Hardware-Reset Pin Initializes the
Internal-State Machine to the Read
Operation
D Package Options
– 44-Pin Plastic Small-Outline Package
(PSOP) (DBJ Suffix)
– 48-Pin Thin Small-Outline Package
(TSOP) (DCD Suffix)
D Detection Of Program/Erase Operation
– Data Polling and Toggle Bit Feature of
Program/Erase Cycle Completion
– Hardware Method for Detection of
Program/Erase Cycle Completion
Through Ready/Busy (RY/BY) Output Pin
D High-Speed Data Access at 5-V VCC"10%
at Three Temperature Ranges
– 80 ns
Commercial ...0
°C to 70°C
– 90 ns
Commercial ...0
°C to 70°C
– 100 ns
Extended...–40
°C to 85°C
– 120 ns
Automotive ...–40
°C to 125°C
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.
Copyright
© 1997, Texas Instruments Incorporated
A[0:18]
Address Inputs
BYTE
Byte/Word Enable
DQ[0:14]
Data In / Data out
DQ15/A–1
Data In/Out (Word-Wide Mode)
Low-Order Address (Byte-Wide Mode)
CE
Chip Enable
OE
Output Enable
NC
No Internal Connection
RESET
Reset / Deep Power Down
RY / BY
Ready / Busy Output
VCC
Power Supply
V
SS
Ground
WE
Write Enable
PIN NOMENCLATURE


Similar Part No. - TMS29F800B-90CDBJQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29F002B TI1-TMS29F002B Datasheet
453Kb / 38P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS29F002RB TI1-TMS29F002RB Datasheet
517Kb / 41P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS29F002RB-10BFML TI1-TMS29F002RB-10BFML Datasheet
517Kb / 41P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS29F002RB-12BFML TI1-TMS29F002RB-12BFML Datasheet
517Kb / 41P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS29F002RT TI1-TMS29F002RT Datasheet
517Kb / 41P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
More results

Similar Description - TMS29F800B-90CDBJQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS29LF008B TI1-TMS29LF008B Datasheet
551Kb / 43P
[Old version datasheet]   1048576 BY 8-BIT FLASH MEMORIES
TMS29F008B TI1-TMS29F008B Datasheet
571Kb / 44P
[Old version datasheet]   1048576 BY 8-BIT FLASH MEMORIES
TMS29LF040 TI-TMS29LF040 Datasheet
493Kb / 38P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORIES
TMS29LF040 TI-TMS29LF040_08 Datasheet
486Kb / 38P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORIES
TMS28F004AXY TI-TMS28F004AXY Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F004AEB TI1-TMS28F004AEB Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F040 TI-TMS29F040 Datasheet
482Kb / 37P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORY
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com