Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMS20D10E Datasheet(PDF) 1 Page - Excelliance MOS Corp.

Part # EMS20D10E
Description  Dual High?륷oltage Trench Barrier Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMS20D10E Datasheet(HTML) 1 Page - Excelliance MOS Corp.

  EMS20D10E Datasheet HTML 1Page - Excelliance MOS Corp. EMS20D10E Datasheet HTML 2Page - Excelliance MOS Corp. EMS20D10E Datasheet HTML 3Page - Excelliance MOS Corp. EMS20D10E Datasheet HTML 4Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
 
 
2013/8/16 
p.1 
EMS20D10E
Dual High‐Voltage Trench Barrier Schottky Rectifier 
  Product Summary: 
VRRM 
100V 
VF @ IF=10A 
0.58V 
IF(AV) 
2 x 10A 
 
Trench Schottky Technology 
Pb‐Free Lead Plating & Halogen Free 
 
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C Unless Otherwise Noted) 
PARAMETERS/TEST CONDITIONS 
SYMBOL 
LIMITS 
UNIT 
Maximum Repetitive Peak Reverse Voltage 
VRRM 
100 
Maximum Average Forward Rectified Current 
Per device
IF(AV) 
20 
Per diode 
10 
Peak Forward Surge Current 8.3mS Single Half Sine‐wave 
Superimposed on Rated Load per Diode 
IFSM 
150 
Peak Repetitive Reverse Current @ tp = 2 μs, 1 kHz, 
TJ = 38 °C ± 2 °C per Diode 
IRRM 
Non‐repetitive Avalanche Energy @ TJ = 25 °C, L = 60 mH per Diode
EAS 
150 
mJ 
Voltage rate of change (rated VR
dV/dt 
10000 
V/μs
 
Operating Junction & Storage Temperature Range 
Tj, Tstg ‐40 to 150 
°C 
 
THERMAL RESISTANCE RATINGS 
THERMAL RESISTANCE 
SYMBOL 
TYPICAL 
MAXIMUM 
UNIT 
Junction‐to‐Case 
RJC 
 
2.8 
°C / W 
1Pulse width limited by maximum junction temperature. 
2Duty cycle  1% 
 
 
 
 


Similar Part No. - EMS20D10E

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMS20D12E EXCELLIANCE-EMS20D12E Datasheet
187Kb / 4P
   Dual High?륷oltage Trench Barrier Schottky Rectifier
More results

Similar Description - EMS20D10E

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMS20D06E EXCELLIANCE-EMS20D06E Datasheet
274Kb / 4P
   Dual High?륷oltage Trench Barrier Schottky Rectifier
EMS20D12E EXCELLIANCE-EMS20D12E Datasheet
187Kb / 4P
   Dual High?륷oltage Trench Barrier Schottky Rectifier
EMS30D12E EXCELLIANCE-EMS30D12E Datasheet
187Kb / 4P
   Dual High?륷oltage Trench Barrier Schottky Rectifier
EMS30D10E EXCELLIANCE-EMS30D10E Datasheet
204Kb / 4P
   Dual High?륷oltage Trench Barrier Schottky Rectifier
EMS20D05E EXCELLIANCE-EMS20D05E Datasheet
274Kb / 4P
   Dual High?륷oltage Trench Barrier Schottky Rectifier
EMS10C10UC EXCELLIANCE-EMS10C10UC Datasheet
185Kb / 4P
   High?륷oltage Trench Barrier Schottky Rectifier
EMS15C10UC EXCELLIANCE-EMS15C10UC Datasheet
186Kb / 4P
   High?륷oltage Trench Barrier Schottky Rectifier
EMS10C10E EXCELLIANCE-EMS10C10E Datasheet
210Kb / 4P
   High?륷oltage Trench Barrier Schottky Rectifier
logo
Vishay Siliconix
V20200C VISHAY-V20200C_09 Datasheet
160Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V30120C VISHAY-V30120C_12 Datasheet
163Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com