Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C149 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C149
Description  1K x 4 Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C149 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C149 Datasheet HTML 1Page - Cypress Semiconductor CY7C149 Datasheet HTML 2Page - Cypress Semiconductor CY7C149 Datasheet HTML 3Page - Cypress Semiconductor CY7C149 Datasheet HTML 4Page - Cypress Semiconductor CY7C149 Datasheet HTML 5Page - Cypress Semiconductor CY7C149 Datasheet HTML 6Page - Cypress Semiconductor CY7C149 Datasheet HTML 7Page - Cypress Semiconductor CY7C149 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CY7C148
CY7C149
4
Switching Waveforms
Notes:
10. WE is HIGH for read cycle.
11. Device is continuously selected, CS = VIL.
12. Address valid prior to or coincident with CS transition LOW.
Read Cycle No. 1
Read Cycle No. 2
Write Cycle No. 1 (WE Controlled)
ADDRESS
50%
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
50%
DATA VALID
tRC
tACS
tLZ
tPU
DATA OUT
HIGH IMPEDANCE
IMPEDANCE
ICC
ISB
tHZ
tPD
CS
HIGH
tWC
DATA–IN VALID
DATA UNDEFINED
HIGH IMPEDANCE
tCW
tAW
tAS
tWP
tWA
tDH
VCC
SUPPLY
CURRENT
tWZ
tOW
tDW
CS
WE
DATA IN
DATA OUT
ADDRESS
tOH
C148–6
C148–7
C148–8
[10,11]
[10,12]


Similar Part No. - CY7C149

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C149-25PC CYPRESS-CY7C149-25PC Datasheet
224Kb / 9P
   1Kx4 Static RAM
CY7C149-35DMB CYPRESS-CY7C149-35DMB Datasheet
224Kb / 9P
   1Kx4 Static RAM
CY7C149-35LMB CYPRESS-CY7C149-35LMB Datasheet
224Kb / 9P
   1Kx4 Static RAM
CY7C149-35PC CYPRESS-CY7C149-35PC Datasheet
224Kb / 9P
   1Kx4 Static RAM
CY7C149-45DMB CYPRESS-CY7C149-45DMB Datasheet
224Kb / 9P
   1Kx4 Static RAM
More results

Similar Description - CY7C149

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Pyramid Semiconductor C...
P4C150 PYRAMID-P4C150 Datasheet
214Kb / 11P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
List of Unclassifed Man...
SY10474-3 ETC1-SY10474-3 Datasheet
238Kb / 10P
   1K x 4 ECL RAM
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C1046CV33 CYPRESS-CY7C1046CV33 Datasheet
161Kb / 9P
   1M x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com