Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NB7N017M Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NB7N017M
Description  3.3V SiGe 8-Bit Dual Modulus Programmable Divider/Prescaler with CML Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NB7N017M Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NB7N017M
http://onsemi.com
4
Table 2. CE Truth Table
CE
Clock Status
LOW
HIGH
Clock Disabled
Clock Enabled
Table 3. SEL Truth Table
SEL
Active Register
LOW
HIGH
REGa
REGb
Table 4. Register Programming Values for Various Divide Ratios
Pa7/Pb7
Pa6/Pb6
Pa5/Pb5
Pa4/Pb4
Pa3/Pb3
Pa2/Pb2
Pa1/Pb1
Pa0/Pb0
Divide By
0
0
0
0
0
0
0
0
undefined
0
0
00
000
1
2
0
0
00
001
0
3
0
0
00
001
1
4
−−−
−−−
−−−
−−−
1
1
11
110
1
254
1
1
11
111
0
255
1
1
1
1
1
1
1
1
256
Table 5. Function Table
MR
Pla PLb SEL CE CLK
Function
H
X
X
X
X
X
Master Reset (Counter programmed to 0000 0000, REGa and REGb programmed to 1111 1111 and
TC to 1)
L
H
L
X
X
X
REGa is transparent to Pa[0:7]
L
L
H
X
X
X
REGb is transparent Pb[0:7]
L
L
L
L
H
Z
Count; At TC pulse, load counter from REGa
L
L
L
H
H
Z
Count; At TC pulse, load counter from REGb
L
X
X
X
L
X
Hold
X − Don’t Care
H − HIGH
L − LOW
Z − Rising Edge


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn