Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NB7N017M Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NB7N017M
Description  3.3V SiGe 8-Bit Dual Modulus Programmable Divider/Prescaler with CML Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7N017M Datasheet(HTML) 3 Page - ON Semiconductor

  NB7N017M Datasheet HTML 1Page - ON Semiconductor NB7N017M Datasheet HTML 2Page - ON Semiconductor NB7N017M Datasheet HTML 3Page - ON Semiconductor NB7N017M Datasheet HTML 4Page - ON Semiconductor NB7N017M Datasheet HTML 5Page - ON Semiconductor NB7N017M Datasheet HTML 6Page - ON Semiconductor NB7N017M Datasheet HTML 7Page - ON Semiconductor NB7N017M Datasheet HTML 8Page - ON Semiconductor NB7N017M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NB7N017M
http://onsemi.com
3
Table 1. PIN DESCRIPTION
Pin Name
I/O
Default
State
Single/Differential
(Notes 1 and 2)
Description
CLK
ECL, CML, LVCMOS,
LVDS, LVTTL Input
Differential
Clock
CE
ECL, CML, LVCMOS,
LVDS, LVTTL Input
Differential
Clock Enable
MR
CMOS, ECL Input
Low
Single
Asynchronous Master Reset: Counter set to 0000 0000 to
reload at next CLK pulse, REGa and REGb = 1111 1111 and
TC = 1.
SEL
ECL, CML, LVCMOS,
LVDS, LVTTL Input
Differential
Divide Select
PLa, PLb
CMOS, ECL Input
Low
Single
Parallel Load Counter Latch from Pa[0:7], Pb[0:7] (Level
Triggered)
TC
CML Output
Differential
Terminal Count, 16 mA CML output with 50 W Source
Termination to VCC (Note 5)
Pa[0:7], Pb[0:7]
CMOS, ECL Input
High
Single
Counter Program Pins. CMOS and PECL/NECL compatible
Pa7 = MSB, Pb7 = MSB
VCC
Power
Positive Supply
VEE
Power
Negative Supply
VTCLK, VTCLK,
VTSEL, VTSEL
VTCE, VTCE
Termination
Differential
50 W Internal Input Termination Resistor (Note 6)
VBB
Output
CMOS/ECL Reference Voltage Output
NC
N/A
No Connect (Note 4)
EP
Exposed Pad (Note 3)
1. All high speed inputs and outputs are differential to improve performance.
2. All single−ended inputs are CMOS and NECL/ECL compatible.
3. All VCC and VEE pins must be externally connected to external power supply voltage to guarantee proper device operation. The thermally
exposed pad (EP) on package bottom (see case drawing) must be attached to a heat−sinking conduit. Exposed pad is bonded to the lowest
voltage potential, VEE.
4. The NC pins are electrically connected to the die and must be left open.
5. CML outputs require 50 W receiver termination resistor to VCC for proper operation.
6. In the differential configuration when the input termination pins are connected to the common termination voltage, and if no signal is applied
then the device will be susceptible to self−oscillation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn