Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC64 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # FC64
Description  64-Pin Low Profile Quad Flat Package, LQFP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

FC64 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  FC64 Datasheet HTML 1Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Seating Plane
0.50 BSC
.019
0.17
0.27
.007
.010
1.60
.063
1.35
1.45
.053
.057
0.05
0.15
.002
.006
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
12.00 BSC
.394
Square
10.00 BSC
.472
Square
GAUGE PLANE
1.00 REF
.039
0.45
0.75
.018
.030
0.09
0.20
.004
.008
Max.
0.10
.004
DESCRIPTION: 64-Pin Low Profile Quad Flat Package, LQFP
PACKAGE CODE: FC
DOCUMENT CONTROL NO.
PD - 1804
REVISION: C
DATE: 03/09/05
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
Notes:
1. All dimensions in millimeters
2. Ref.: JEDEC MS-026D/BCD
3. Package Outline Exclusive of Mold Flash and Metal Burr


Similar Part No. - FC64

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FC6-12-10Y PANDUIT-FC6-12-10Y Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-12-3SY PANDUIT-FC6-12-3SY Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-12-3Y PANDUIT-FC6-12-3Y Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-24-10Y PANDUIT-FC6-24-10Y Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-6-3 PANDUIT-FC6-6-3 Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
More results

Similar Description - FC64

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FPT-64P-M09 FUJITSU-FPT-64P-M09 Datasheet
58Kb / 1P
   LOW PROFILE QUAD FLAT PACKAGE 64 PIN PLASTIC
logo
Amkor Technology
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
   Low Profile Quad Flat Pack (LQFP) Packages
logo
Fujitsu Component Limit...
FPT-208P-M06 FUJITSU-FPT-208P-M06 Datasheet
57Kb / 1P
   LOW PROFILE QUAD FLAT PACKAGE 208 PIN PLASTIC
logo
NXP Semiconductors
SOT389-1 PHILIPS-SOT389-1 Datasheet
14Kb / 1P
   Plastic Low Profile Quad flat Package
2002 Jun 07
logo
STMicroelectronics
TQFP64 STMICROELECTRONICS-TQFP64 Datasheet
128Kb / 5P
   64-LEAD THIN QUAD FLAT PACKAGE
logo
NXP Semiconductors
SOT612-3 NXP-SOT612-3 Datasheet
850Kb / 5P
   plastic thermal enhanced low profile quad flat package
8 February 2016
SOT612-4 NXP-SOT612-4 Datasheet
849Kb / 5P
   plastic thermal enhanced low profile quad flat package
8 February 2016
logo
Renesas Technology Corp
M3T-64LCC-QSD RENESAS-M3T-64LCC-QSD Datasheet
119Kb / 1P
   Converter for Connecting 64-pin 0.8mm-pitch LCC to 64-pin 0.5mm-pitch LQFP
logo
STATS ChipPAC, Ltd.
LQFP STATSCHIP-LQFP Datasheet
126Kb / 2P
   Low Profile Quad Flat Pack
logo
Holtek Semiconductor In...
HT46RU67 HOLTEK-HT46RU67_14 Datasheet
2Mb / 68P
   100-pin LQFP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com