Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HGT1S12N60C3S Datasheet(PDF) 1 Page - Harris Corporation

Part # HGT1S12N60C3S
Description  24A, 600V, UFS Series N-Channel IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

HGT1S12N60C3S Datasheet(HTML) 1 Page - Harris Corporation

  HGT1S12N60C3S Datasheet HTML 1Page - Harris Corporation HGT1S12N60C3S Datasheet HTML 2Page - Harris Corporation HGT1S12N60C3S Datasheet HTML 3Page - Harris Corporation HGT1S12N60C3S Datasheet HTML 4Page - Harris Corporation HGT1S12N60C3S Datasheet HTML 5Page - Harris Corporation HGT1S12N60C3S Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SEMICONDUCT OR
3-29
HGTP12N60C3, HGT1S12N60C3,
HGT1S12N60C3S
24A, 600V, UFS Series N-Channel IGBTs
Features
• 24A, 600V at TC = 25
oC
• 600V Switching SOA Capability
• Typical Fall Time . . . . . . . . . . . . . . 230ns at TJ = 150
oC
• Short Circuit Rating
• Low Conduction Loss
Formerly Developmental Type TA49123.
Description
The HGTP12N60C3, HGT1S12N60C3 and HGT1S12N60C3S
are MOS gated high voltage switching devices combining the
best features of MOSFETs and bipolar transistors. These
devices have the high input impedance of a MOSFET and the
low on-state conduction loss of a bipolar transistor. The much
lower on-state voltage drop varies only moderately between
25oC and 150oC.
The IGBT is ideal for many high voltage switching applications
operating at moderate frequencies where low conduction losses
are essential, such as: AC and DC motor controls, power sup-
plies and drivers for solenoids, relays and contactors.
Terminal Diagram
N-CHANNEL ENHANCEMENT MODE
Ordering Information
PART NUMBER
PACKAGE
BRAND
HGTP12N60C3
TO-220AB
P12N60C3
HGT1S12N60C3
TO-262AA
S12N60C3
HGT1S12N60C3S
TO-263AB
S12N60C3
NOTE: When ordering, use the entire part number. Add the suffix 9A
to obtain the TO-263AB variant in Tape and Reel, i.e.,
HGT1S12N60C3S9A.
C
E
G
Packaging
JEDEC TO-220AB
JEDEC TO-262AA
JEDEC TO-263AB
HARRIS SEMICONDUCTOR IGBT PRODUCT IS COVERED BY ONE OR MORE OF THE FOLLOWING U.S. PATENTS:
4,364,073
4,417,385
4,430,792
4,443,931
4,466,176
4,516,143
4,532,534
4,567,641
4,587,713
4,598,461
4,605,948
4,618,872
4,620,211
4,631,564
4,639,754
4,639,762
4,641,162
4,644,637
4,682,195
4,684,413
4,694,313
4,717,679
4,743,952
4,783,690
4,794,432
4,801,986
4,803,533
4,809,045
4,809,047
4,810,665
4,823,176
4,837,606
4,860,080
4,883,767
4,888,627
4,890,143
4,901,127
4,904,609
4,933,740
4,963,951
4,969,027
GATE
COLLECTOR
EMITTER
COLLECTOR
(FLANGE)
EMITTER
COLLECTOR
GATE
COLLECTOR
(FLANGE)
A
M
COLLECTOR
(FLANGE)
GATE
EMITTER
January 1997
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper ESD Handling Procedures.
Copyright
© Harris Corporation 1997
File Number
4040.3


Similar Part No. - HGT1S12N60C3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGT1S12N60C3S FAIRCHILD-HGT1S12N60C3S Datasheet
131Kb / 7P
   24A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGT1S12N60C3S INTERSIL-HGT1S12N60C3S Datasheet
119Kb / 6P
   24A, 600V, UFS Series N-Channel IGBTs
January 2000
More results

Similar Description - HGT1S12N60C3S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTP12N60C3 FAIRCHILD-HGTP12N60C3 Datasheet
131Kb / 7P
   24A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTP12N60C3 INTERSIL-HGTP12N60C3 Datasheet
119Kb / 6P
   24A, 600V, UFS Series N-Channel IGBTs
January 2000
HGT1S20N60B3S INTERSIL-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD3N60C3 HARRIS-HGTD3N60C3 Datasheet
227Kb / 9P
   6A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGT1S20N60B3S FAIRCHILD-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD3N60C3S INTERSIL-HGTD3N60C3S Datasheet
243Kb / 6P
   6A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD7N60C3 HARRIS-HGTD7N60C3 Datasheet
153Kb / 6P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGTG12N60B3 FAIRCHILD-HGTG12N60B3 Datasheet
247Kb / 8P
   27A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD7N60C3S INTERSIL-HGTD7N60C3S Datasheet
144Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs
January 2000
HGTP12N60B3 INTERSIL-HGTP12N60B3 Datasheet
112Kb / 7P
   27A, 600V, UFS Series N-Channel IGBTs
January 2000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com