Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU32M16EE-BEH Datasheet(PDF) 56 Page - Nanya Technology Corporation.

Part # NT5TU32M16EE-BEH
Description  Commercial, Industrial and Automotive DDR2 512Mb SDRAM
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU32M16EE-BEH Datasheet(HTML) 56 Page - Nanya Technology Corporation.

Back Button NT5TU32M16EE-BEH Datasheet HTML 52Page - Nanya Technology Corporation. NT5TU32M16EE-BEH Datasheet HTML 53Page - Nanya Technology Corporation. NT5TU32M16EE-BEH Datasheet HTML 54Page - Nanya Technology Corporation. NT5TU32M16EE-BEH Datasheet HTML 55Page - Nanya Technology Corporation. NT5TU32M16EE-BEH Datasheet HTML 56Page - Nanya Technology Corporation. NT5TU32M16EE-BEH Datasheet HTML 57Page - Nanya Technology Corporation. NT5TU32M16EE-BEH Datasheet HTML 58Page - Nanya Technology Corporation. NT5TU32M16EE-BEH Datasheet HTML 59Page - Nanya Technology Corporation. NT5TU32M16EE-BEH Datasheet HTML 60Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 98 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
56
Version 1.6
Nanya Technology Corp.©
08/2015
All Rights Reserved
Differential input AC logic level
Symbol
Parameter
Min
Max
Units Notes
VID (ac)
ac differential input voltage
DDR2-667/800
0.5
VDDQ
V
1,3
DDR2-1066
0.5
VDDQ + 0.6
1
VIX (ac)
ac differential crosspoint voltage
0.5 x VDDQ - 0.175
0.5 x VDDQ + 0.175
V
2
NOTE 1 Follow JEDEC 1066 specification (JESD208)
NOTE 2 VID(AC) specifies the input differential voltage |VTR -VCP | required for switching, where VTR is the true input signal (such
as CK, DQS, LDQS or UDQS) and VCP is the complementary input signal (such as CK, DQS, LDQS or UDQS). The
minimum value is equal to VIH(AC) - VIL(AC).
NOTE 3 The typical value of VIX(AC) is expected to be about 0.5 x VDDQ of the transmitting device and VIX(AC) is expected to
track variations in VDDQ. VIX(AC) indicates the voltage at which differential input signals must cross.
NOTE 4 Refer to Overshoot/undershoot specifications for Vpeak value: maximum peak amplitude allowed for overshoot and
undershoot.
Differential AC output parameters
Symbol
Parameter
Min
Max
Units Notes
VOX (ac)
ac differential crosspoint voltage
0.5 x VDDQ - 0.125
0.5 x VDDQ + 0.125
V
1
NOTE 1 The typical value of VOX(AC) is expected to be about 0.5 x VDDQ of the transmitting device and VOX(AC) is expected
to track variations in VDDQ . VOX(AC) indicates the voltage at which differential output signals must cross.


Similar Part No. - NT5TU32M16EE-BEH

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU32M16EE-ACI NANYA-NT5TU32M16EE-ACI Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
More results

Similar Description - NT5TU32M16EE-BEH

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8FE NANYA-NT5TU64M8FE Datasheet
3Mb / 107P
   Commercial and Industrial DDR2 512Mb SDRAM
NT5TU128M8HE NANYA-NT5TU128M8HE Datasheet
4Mb / 102P
   Commercial, Industrial and Automotive DDR2 1Gb SDRAM
NT6DM32M16BD NANYA-NT6DM32M16BD Datasheet
4Mb / 81P
   Commercial and Industrial Mobile DDR 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com