Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU32M16EE-ACH Datasheet(PDF) 15 Page - Nanya Technology Corporation.

Part # NT5TU32M16EE-ACH
Description  Commercial, Industrial and Automotive DDR2 512Mb SDRAM
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU32M16EE-ACH Datasheet(HTML) 15 Page - Nanya Technology Corporation.

Back Button NT5TU32M16EE-ACH Datasheet HTML 11Page - Nanya Technology Corporation. NT5TU32M16EE-ACH Datasheet HTML 12Page - Nanya Technology Corporation. NT5TU32M16EE-ACH Datasheet HTML 13Page - Nanya Technology Corporation. NT5TU32M16EE-ACH Datasheet HTML 14Page - Nanya Technology Corporation. NT5TU32M16EE-ACH Datasheet HTML 15Page - Nanya Technology Corporation. NT5TU32M16EE-ACH Datasheet HTML 16Page - Nanya Technology Corporation. NT5TU32M16EE-ACH Datasheet HTML 17Page - Nanya Technology Corporation. NT5TU32M16EE-ACH Datasheet HTML 18Page - Nanya Technology Corporation. NT5TU32M16EE-ACH Datasheet HTML 19Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 98 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
15
Version 1.6
Nanya Technology Corp.©
08/2015
All Rights Reserved
Extended Mode Register Set -EMRS (1) Programming
BA1 BA0
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
Qoff RDQS /DQS
Rtt_Nom
Rtt_Nom
D.I.C DLL
BA1 BA0
A10
/DQS
A0
0
0
0
Enabled
0
0
1
1
Disabled
1
1
0
1
1
A11
RDQS
A6
A2
0
Disabled
0
0
1
Enabled
0
1
0
1
0
1
A12
1
1
0
1
A5
A4
A3
0
0
0
0
0
1
A9
A8
A7
0
1
0
0
0
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
MR select
OCD Cal
AL
MR select
DLL Enable
MR
Enable
EMRS(1)
Disable
EMRS(2)
EMRS(3)
Rtt_Nom
A1
Output Driver
Impedance
Disabled
75 ohm
Full Strength
150 ohm
Reduced Strength
Qoff
50 ohm
Output buffer enabled
Output buffer disabled
AL
0
1
OCD Cal 1
2
6
Reserved
Default
3
4
5
Single-ended and Differential Data Strobe Signals
A11
A10
Strobe Function Matrix
RDQS
DQS
RDQS/DM
RDQS
DQS
DQS
0(Disable)
0(Enable)
DM
Hi-z
DQS
DQS
0(Disable)
1(Disable)
DM
Hi-z
DQS
Hi-z
1(Enable)
0(Enable)
RDQS
RDQS
DQS
DQS
1(Enable)
1(Disable)
RDQS
Hi-z
DQS
Hi-z
NOTE 1 Default must be set to 0. OCD Calibration is unsupported.
NOTE 2 Bits of Reserved for future use must be set to 0 when programming the EMR(1).
NOTE 3 Output disabled - DQs, DQSs, DQS, RDQS, RDQS. This feature is used in conjunction with DIMM IDD measurements
when IDDQ is not desired to be included.
NOTE 4 If RDQS is enabled, the DM function is disabled. RDQS is active for reads and don’t care for writes.


Similar Part No. - NT5TU32M16EE-ACH

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU32M16EE-ACI NANYA-NT5TU32M16EE-ACI Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
More results

Similar Description - NT5TU32M16EE-ACH

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8FE NANYA-NT5TU64M8FE Datasheet
3Mb / 107P
   Commercial and Industrial DDR2 512Mb SDRAM
NT5TU128M8HE NANYA-NT5TU128M8HE Datasheet
4Mb / 102P
   Commercial, Industrial and Automotive DDR2 1Gb SDRAM
NT6DM32M16BD NANYA-NT6DM32M16BD Datasheet
4Mb / 81P
   Commercial and Industrial Mobile DDR 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com