Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT5TU32M16EE-BEI Datasheet(PDF) 75 Page - Nanya Technology Corporation.

Part # NT5TU32M16EE-BEI
Description  Commercial, Industrial and Automotive DDR2 512Mb SDRAM
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5TU32M16EE-BEI Datasheet(HTML) 75 Page - Nanya Technology Corporation.

Back Button NT5TU32M16EE-BEI Datasheet HTML 71Page - Nanya Technology Corporation. NT5TU32M16EE-BEI Datasheet HTML 72Page - Nanya Technology Corporation. NT5TU32M16EE-BEI Datasheet HTML 73Page - Nanya Technology Corporation. NT5TU32M16EE-BEI Datasheet HTML 74Page - Nanya Technology Corporation. NT5TU32M16EE-BEI Datasheet HTML 75Page - Nanya Technology Corporation. NT5TU32M16EE-BEI Datasheet HTML 76Page - Nanya Technology Corporation. NT5TU32M16EE-BEI Datasheet HTML 77Page - Nanya Technology Corporation. NT5TU32M16EE-BEI Datasheet HTML 78Page - Nanya Technology Corporation. NT5TU32M16EE-BEI Datasheet HTML 79Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 98 page
background image
DDR2 512Mb SDRAM
NT5TU64M8EE / NT5TU32M16EG
75
Version 1.6
Nanya Technology Corp.©
08/2015
All Rights Reserved
tDS/tDH derating with differential data strobe (DDR2-1066, DDR2-800, DDR2-667)
Δ tDS, Δ tDH Derating Values
(Units: ps)
DQS, DQS Differential Slew Rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
0.8 V/ns
tDS tDH tDS tDH tDS tDH tDS tDH tDS tDH tDS tDH tDS tDH tDS tDH tDS tDH
DQ
Slew rate
(V/ns)
2
100
45
100
45
100
45
-
-
-
-
-
-
-
-
-
-
-
-
1.5
67
21
67
21
67
21
79
33
-
-
-
-
-
-
-
-
-
-
1
0
0
0
0
0
0
12
12
24
24
-
-
-
-
-
-
-
-
0.9
-
-
-5
-14
-5
-14
7
-2
19
10
31
22
-
-
-
-
-
-
0.8
-
-
-
-
-13
-31
-1
-19
11
-7
23
5
35
17
-
-
-
-
0.7
-
-
-
-
-
-
-10
-42
2
-30
14
-18
26
-6
38
6
-
-
0.6
-
-
-
-
-
-
-
-
-10
-59
2
-47
14
-35
26
-23
38
-11
0.5
-
-
-
-
-
-
-
-
-
-
-24
-89
-12
-77
0
-65
12
-53
0.4
-
-
-
-
-
-
-
-
-
-
-
-
-52
-140
-40
-128
-28
-116
For all input signals the total tDS (setup time) and tDH (hold time) required is calculated by adding the data sheet tDS(base) and
tDH(base) value to the ΔtDS and ΔtDH derating value respectively. Example: tDS (total setup time) = tDS(base) + ΔtDS.
Setup (tDS) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of VREF(dc) and the first crossing of Vih(ac)min.
Setup (tDS) nominal slew rate for a falling signal is defined as the slew rate between the last crossing of VREF(dc) and the first crossing of Vil(ac)max.
If the actual signal is always earlier than the nominal slew rate line between shaded ‘VREF(dc) to ac region’, use nominal slew rate for derating value.
If the actual signal is later than the nominal slew rate line anywhere between shaded ‘VREF(dc) to ac region’, the slew rate of a tangent line to the
actual signal from the ac level to dc level is used for derating value.
Hold (tDH) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of Vil(dc)max and the first crossing of VREF(dc).
Hold (tDH) nominal slew rate for a falling signal is defined as the slew rate between the last crossing of Vih(dc)min and the first crossing of VREF(dc).
If the actual signal is always later than the nominal slew rate line between shaded ‘dc level to VREF(dc) region’, use nominal slew rate for derating
value (see Figure 79 for differential data strobe.) If the actual signal is earlier than the nominal slew rate line anywhere between shaded ‘dc to
VREF(dc) region’, the slew rate of a tangent line to the actual signal from the dc level to VREF(dc) level is used for derating value.
Although for slow slew rates the total setup time might be negative (i.e. a valid input signal will not have reached VIH/IL(ac) at the time of the rising
clock transition) a valid input signal is still required to complete the transition and reach VIH/IL(ac).
The derating values may be obtained by linear interpolation.
These values are typically not subject to production test. They are verified by design and characterization.


Similar Part No. - NT5TU32M16EE-BEI

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU32M16EE-ACI NANYA-NT5TU32M16EE-ACI Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
More results

Similar Description - NT5TU32M16EE-BEI

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5TU64M8FE NANYA-NT5TU64M8FE Datasheet
3Mb / 107P
   Commercial and Industrial DDR2 512Mb SDRAM
NT5TU128M8HE NANYA-NT5TU128M8HE Datasheet
4Mb / 102P
   Commercial, Industrial and Automotive DDR2 1Gb SDRAM
NT6DM32M16BD NANYA-NT6DM32M16BD Datasheet
4Mb / 81P
   Commercial and Industrial Mobile DDR 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421F-E3 HYNIX-HY5PS12421F-E3 Datasheet
1Mb / 35P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com